công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC2F100-SN bảng dữ liệu(PDF) 3 Page - LEM

tên linh kiện HC2F100-SN
Giải thích chi tiết về linh kiện  AUTOMOTIVE CURRENT TRANSDUCER HC2F100-SN CLIPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEM [LEM]
Trang chủ  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HC2F100-SN bảng dữ liệu(HTML) 3 Page - LEM

  HC2F100-SN Datasheet HTML 1Page - LEM HC2F100-SN Datasheet HTML 2Page - LEM HC2F100-SN Datasheet HTML 3Page - LEM HC2F100-SN Datasheet HTML 4Page - LEM HC2F100-SN Datasheet HTML 5Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3/5
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
18october2011/2
HC2F100-SN CLIPS
Absolute maximum ratings (not operating)
Operating characteristics
)
A
/
V
(
in
G
with
V
G
V
V
I
C
C
OUT
P
5
1
2
×
×
−
=
Parameter
Symbol
Unit
Specification
Conditions
Min
Typical
Max
Electrical Data
Primary current, measuring range
I
PM
A
-100
100
@ - 40°C < T° < 125°C
Supply voltage 1)
V
C
V
4.75
5.00
5.25
@ - 40°C < T° < 125°C
Output voltage (Analog)
V
OUT
V
V
OUT = (VC/5) x (2.5 +0.02 x IP )
@ - 40°C < T° < 125°C
Sensitivity
G
V/A
0.0196
0.02
0.0204
@
T
A = 25°C; VC = 5 V
Offset voltage
V
O
V
2.481
2.5
2.519
@
V
C = 5 V; TA = 25°C; IP = 0 A
Current consumption
I
C
mA
-
15
20
@ - 40°C < T° < 125°C; 4.75 V <
V
C < 5.25 V
Load resistance
R
L
ΚΩ
2
-
-
Output internal resistance
R
OUT
Ω
-
-
10
Performance Data (1)
Sensitivity error
ε
G
%
-2.0
± 0.7
2.0
@ T
A = 25°C, VC = 5 V; Gth = 0.02 V/A
Electrical offset
I
OE
A
-0.7
± 0.25
0.7
@ V
C = 5.00 V; TA = 25°C
V
OE
mV
-14
± 5
14
Magnetic offset
I
OM
A
-0.25
± 0.15
0.25
@ After excursion to ± I
P; TA = 25°C
V
OM
mV
-5
± 3
5
I
OE
TCI
OEAV
mA/°C
-7
± 4
7
@ - 40°C < T° < 125°C; V
C = 5.00 V
Average temperature coefficient of
V
OE
TCV
OEAV
mV/°C
-0.14
± 0.08
0.14
Average temperature coefficient of
G
TCG
AV
%/°C
-0.04
± 0.02
0.04
@ - 40°C < T° < 125°C; V
C = 5.00 V
Linearity error
ε
L
% I
P
-1.0
± 0.2
1.0
@ I
P; VC = 5.00 V, TA = 25°C
Response time
t
r
µs
-
15
20
@ di/dt = 50 A/µs; I
T = 60 A
Frequency bandwidth 2)
BW
kHz
20
-
-
@ -3 dB; I
T = 20 A rms
Output voltage noise peak-peak
V
no p-p
mV
-
35
43
@ T
A = 25°C; 0 Hz < f < 1 MHz
Output voltage noise rms
V
no rms
mV
-
-
4
@ T
A = 25°C; 0 Hz < f < 1 MHz
Parameter
Symbol
Unit
Specification
Conditions
Maximun peak primary current (not operating)
I
P max
A
Defined by busbar to have T° ≤ 150°C
Primary nominal DC or current rms
I
PN
A
Defined by busbar to have T° ≤ 150°C
Maximun supply voltage (not operating)
V
C max
V
7
Secondary maximum admissible power
P
S max
mW
150
Ambient operating temperature
T
A
°C
-40 <
T
A < 125°C
Ambient storage temperature
T
S
°C
-40 <
T
S < 125°C
Electrostatic discharge voltage
V
ESD
V
2000
Maximum admissible vibration
γ
m.s -2
100
see page 5/5
Rms voltage for AC insulation test 50 Hz, 1 min
V
d
V
1500
see page 5/5
Creepage distance
dCp
mm
1.67
Clearance
dCI
mm
1.80
CTI=425
Notes: 1) The output voltage
V
OUT is fully ratiometric. The
offset and sensitivity are dependent on the supply
voltage
V
C relative to the following formula:
2)
Small signal only to avoid excessive heating of
the busbar, the magnetic core and the ASIC.
0
0.5
1
1.5
2
2.5
3
3.5
-100
-80-60
-40-20
020406080100
Primary current Ip (A)
@25
-20°C < T° < 85°C
- 40°C < T° < 125°C



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com