| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F2012IPW bảng dữ liệu(PDF) 81 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2012IPW bảng dữ liệu(HTML) 81 Page - Texas Instruments |
|
81 / 94 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples MSP430F2011TN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-1-260C-UNLIM -40 to 105 MSP430F2011T MSP430F2011TPW ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 105 F2011T MSP430F2011TPWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 105 F2011T MSP430F2011TRSAR ACTIVE QFN RSA 16 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 105 M430F 2011T MSP430F2011TRSAT ACTIVE QFN RSA 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 105 M430F 2011T MSP430F2012IN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-1-260C-UNLIM -40 to 85 MSP430F2012 MSP430F2012IPW ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 F2012 MSP430F2012IPWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 F2012 MSP430F2012IRSAR ACTIVE QFN RSA 16 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 M430F 2012 MSP430F2012IRSAT ACTIVE QFN RSA 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 M430F 2012 MSP430F2012TN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-1-260C-UNLIM -40 to 105 MSP430F2012T MSP430F2012TPW ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 105 F2012T MSP430F2012TPWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 105 F2012T MSP430F2012TRSAR ACTIVE QFN RSA 16 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 105 M430F 2012T MSP430F2012TRSAT ACTIVE QFN RSA 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 105 M430F 2012T MSP430F2013IN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-1-260C-UNLIM -40 to 85 MSP430F2013 MSP430F2013IPW ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 F2013 MSP430F2013IPWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 F2013 |