| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB89151APF bảng dữ liệu(PDF) 16 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB89151APF bảng dữ liệu(HTML) 16 Page - fujitsu semiconductor |
|
16 / 52 page ![]() 16 MB89150/150A Series 3. Programming to the EPROM In EPROM mode, the MB89P155 functions equivalent to the MBM27C256A. This allows the PROM to be programmed with a general-purpose EPROM programmer (the electronic signature mode cannot be used) by using the dedicated socket adapter. • Programming procedure (1) Set the EPROM programmer to the MBM27C256A. (2) Load program data into the EPROM programmer at 4000H to 7FFFH (note that addresses C000H to FFFFH while operating as a normal operating mode assign to 4000H to 7FFFH in EPROM mode). Load option data into addresses 3FF0H to 3FF5H of the EPROM programmer. (For information about each corresponding option, see “7. Setting OTPROM Options.”) (3) Program with the EPROM programmer. 4. Recommended Screening Conditions High-temperature aging is recommended as the pre-assembly screening procedure for a product with a blanked OTPROM microcomputer program. 5. Programming Yield All bits cannot be programmed at Fujitsu shipping test to a blanked OTPROM microcomputer, due to its nature. For this reason, a programming yield of 100% cannot be assured at all times. 6. EPROM Programmer Socket Adapter Inquiry: Sun Hayato Co., Ltd.: TEL 81-3-3802-5760 Package Compatible socket adapter FPT-80P-M05 ROM-80SQF-28DP-8L FPT-80P-M06 ROM-80QF-28DP-8L3 FPT-80P-M11 ROM-80QF2-28DP-8L2 Program, verify Aging +150 °C, 48 Hrs. Data verification Assembly |