| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3012 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
3012 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 3 page ![]() 41 3/8” Square Drive Sockets, SAE A B C D inches A B C D inches A B C D inches Part Number Hex Overall Diameter Diameter Opening Fixed Opening Length Nose End Drive End Depth Magnet In. (A) (B) (C) (D) M-3108 1/4 1 1/4 7/16 3/4 5/32 M-3109• 9/32 1 1/4 7/16 3/4 3/16 M-3110• 5/16 1 1/4 1/2 3/4 3/16 M-3012• 3/8 7/8 19/32 3/4 3/16 M-3112• 3/8 1 1/4 19/32 3/4 1/4 M-3014 7/16 7/8 11/16 3/4 9/32 M-3114• 7/16 1 1/2 11/16 3/4 9/32 MSW-604 7/16 1 1/2 21/32 3/4 9/32 M-3016• 1/2 7/8 13/16 13/16 5/16 M-3116• 1/2 1 1/2 13/16 13/16 11/32 MHC-3816• 1/2 1 1/2 11/16 11/16 11/32 M-3018 9/16 7/8 7/8 7/8 5/16 M-3118• 9/16 1 1/2 7/8 7/8 7/16 MSW-343 9/16 1 1/2 3/4 3/4 7/16 M-3120 5/8 1 1/2 15/16 15/16 7/16 Magnetic, Short and Standard Length Part Number Hex Overall Diameter Diameter Opening Fixed Opening Length Nose End Drive End Depth Magnet In. (A) (B) (C) (D) M-3408 1/4 1 1/4 7/16 3/4 5/32 M-3410 5/16 1 1/4 1/2 3/4 3/16 OSM-3410* 5/16 1 1/4 7/16 19/32 3/16 M-3411 11/32 1 1/4 1/2 3/4 3/16 M-3412• 3/8 1 1/2 19/32 3/4 1/4 M-3414• 7/16 1 1/2 5/8 3/4 9/32 OSM-3414* 7/16 1 1/2 5/8 5/8 9/32 M-3416• 1/2 1 1/2 3/4 3/4 11/32 M-3418 9/16 1 1/2 25/32 13/16 7/16 M-3424 3/4 1 1/2 1 1 15/32 M-3426 13/16 1 1/2 1 1/8 1 1/8 17/32 Part No. Part No. Hex Overall Diameter Diameter Opening Fixed Magnetic Bolt Opening Length Nose End Drive End Depth Magnet Clearance In. (A) (B) (C) (D) - MB-3210• 5/16 2 1/2 3/4 3/16 M-3212• MB-3212• 3/8 2 19/32 3/4 1/4 M-3214 MB-3214• 7/16 2 11/16 3/4 9/32 - MB-3314• 7/16 3 1/2 11/16 3/4 9/32 M-3216• MB-3216• 1/2 2 13/16 13/16 11/32 M-3218 MB-3218• 9/16 2 7/8 7/8 7/16 - MB-3318 9/16 3 1/2 7/8 7/8 7/16 - MB-3220 5/8 2 15/16 15/16 7/16 Magnetic, Long Length & Extra Long Length Magnetic, Thin Wall, Standard Length *No ring groove. A B C D inches A B C D inches Part No. Part No. Hex Overall Diameter Diameter Opening Fixed Magnetic Bolt Opening Length Nose End Drive End Depth Magnet Clearance In. (A) (B) (C) (D) - MB-3512• 3/8 2 19/32 3/4 1/4 M-3514 MB-3514• 7/16 2 5/8 3/4 9/32 - MB-3516 1/2 2 3/4 3/4 11/32 Magnetic, Thin Wall, Long Length Part No. Part Hex Overall Diameter Diameter Opening Surface Number Opening Length Nose End Drive End Depth Drive Fast Lead In. (A) (B) (C) (D) SF-3010 - 5/16 7/8 1/2 3/4 3/16 SF-3110 FL-3110 5/16 1 1/4 1/2 3/4 3/16 SF-3012 FL-3012• 3/8 7/8 19/32 3/4 3/16 SF-3112• FL-3112 3/8 1 1/4 19/32 3/4 1/4 SF-3014 FL-3014• 7/16 7/8 11/16 3/4 9/32 SF-3114 FL-3114 7/16 1 1/2 11/16 3/4 9/32 SF-3016 FL-3016• 1/2 7/8 13/16 13/16 5/16 SF-3116 FL-3116• 1/2 1 1/2 13/16 13/16 11/32 SF-HC-3816 - 1/2 1 1/2 11/16 11/16 11/32 SF-3018 FL-3018 9/16 7/8 7/8 7/8 5/16 SF-3118 FL-3118• 9/16 1 1/2 7/8 7/8 7/16 SF-3120 FL-3120 5/8 1 1/2 15/16 15/16 7/16 - FL-3022 11/16 1 15/16 15/16 7/16 - FL-3122 11/16 1 1/2 1 1 7/16 - FL-3024 3/4 1 1 1/16 1 1/16 7/16 - FL-3124 3/4 1 1/2 1 1/16 1 1/16 15/32 Surface Drive & Fast Lead, Short and Standard Length A B C D inches Surface Drive & Fast Lead, Thin Wall, Standard Length Part No. Part Hex Overall Diameter Diameter Opening Surface Number Opening Length Nose End Drive End Depth Drive Fast Lead In. (A) (B) (C) (D) SF-3412 FL-3412 3/8 1 1/2 19/32 3/4 1/4 SF-3414 FL-3414 7/16 1 1/2 5/8 3/4 9/32 SF-3416 - 1/2 1 1/2 3/4 3/4 11/32 SF-3418• - 9/16 1 1/2 25/32 13/16 7/16 SF-3432 - 1 1 1/2 1 3/8 1 3/8 5/8 • Indicates a commonly requested item that is either in stock or has a max typical leadtime of 4 weeks from the factory. No minimum on these items. |