| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3111 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
3111 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 3 page ![]() 42 Surface Drive, Thin Wall, Long Length Part No. Part Hex Overall Diameter Diameter Opening Surface Number Opening Length Nose End Drive End Depth Drive Fast Lead In. (A) (B) (C) (D) - FL-3210• 5/16 2 1/2 3/4 3/16 SF-3212• FL-3212• 3/8 2 19/32 3/4 1/4 - FL-3312 3/8 3 1/2 19/32 3/4 1/4 SF-3214• FL-3214• 7/16 2 11/16 3/4 9/32 SF-3314 FL-3314 7/16 3 1/2 11/16 3/4 9/32 SF-3216• FL-3216• 1/2 2 13/16 13/16 11/32 SF-3316 FL-3316 1/2 3 1/2 13/16 13/16 11/32 SF-3218• FL-3218 9/16 2 7/8 7/8 7/16 SF-3318 FL-3318 9/16 3 1/2 7/8 7/8 7/16 - FL-3220 5/8 2 15/16 15/16 7/16 SF-3320 FL-3320 5/8 3 1/2 15/16 15/16 7/16 SF-3224 - 3/4 2 1 1/16 1 1/16 15/32 SF-3324 FL-3324 3/4 3 1/2 1 1/16 1 1/16 15/32 - FL-3326 13/16 3 1/2 1 1/4 1 1/4 17/32 3/8” Sq. Dr. Sockets, SAE *No ring groove. Part No. Part No. Hex Overall Diameter Diameter Opening Fixed Bolt Opening Length Nose End Drive End Depth Magnet Clearance In. (A) (B) (C) (D) - M3E08• 1/4 1 1/4 7/16 3/4 5/32 3E10• M3E10• 5/16 1 1/4 1/2 3/4 3/16 3E11 - 11/32 1 1/4 1/2 3/4 3/16 3E12• M3E12• 3/8 1 1/4 19/32 3/4 1/4 3E14 M3E14• 7/16 1 1/4 11/16 3/4 9/32 3E16• M3E16• 1/2 1 1/2 13/16 13/16 11/32 - M3E18• 9/16 1 1/2 7/8 7/8 7/16 Part No. Part No. Hex Overall Diameter Diameter Opening Fixed Bolt Opening Length Nose End Drive End Depth Magnet Clearance In. (A) (B) (C) (D) - M3P06 3/16 1 1/4 5/16 3/4 3/32 - M3P07 7/32 1 1/4 3/8 3/4 5/32 - M3P08• 1/4 1 1/4 7/16 3/4 5/32 3P10 M3P10• 5/16 1 1/4 1/2 3/4 3/16 3P12 M3P12• 3/8 1 1/4 5/8 3/4 1/4 3P14 M3P14• 7/16 1 1/4 11/16 3/4 9/32 3P16 M3P16• 1/2 1 1/2 13/16 13/16 11/32 - M3P18 9/16 1 1/2 7/8 7/8 7/16 *Sockets for predrilled holes are intermediate hardness; sockets for self-tapping screws are maximum hardness. Part No. Hex Overall Diameter Diameter Opening Surface Opening Length Nose End Drive End Depth Drive In. (A) (B) (C) (D) SF-3512• 3/8 2 19/32 3/4 1/4 OSSF-3512*• 3/8 2 19/32 19/32 1/4 SF-3514 7/16 2 5/8 3/4 9/32 OSSF-3514* 7/16 2 5/8 5/8 9/32 SF-3516• 1/2 2 3/4 3/4 11/32 SF-3518 9/16 2 25/32 13/16 7/16 A B C D inches A B C D inches A B C D inches A B C D inches Surface Drive & Fast Lead, Long and Extra Long Length 3/8”Sq. Dr. Sockets For SAE Square Nuts 6 Point & 6 Point Magnetic, For Self-Tapping Screws* Part No. Part No. Hex Overall Diameter Diameter Opening Single Double Opening Length Nose End Drive End Depth Square Square In. (A) (B) (C) (D) 3607 - 7/32 1 1/2 7/16 3/4 3/16 3608• - 1/4 1 1/2 1/2 3/4 3/16 3609• 3609-D• 9/32 1 1/2 9/16 3/4 3/16 3610• 3610-D• 5/16 1 1/2 5/8 3/4 1/4 3612• 3612-D• 3/8 1 1/2 3/4 3/4 1/4 3614• 3614-D• 7/16 1 1/2 7/8 7/8 9/32 3616 3616-D• 1/2 1 1/2 1 1 11/32 3618 3618-D• 9/16 1 1/2 1 1 7/16 3620 - 5/8 1 1/2 1 1/8 1 1/8 7/16 3624 - 3/4 1 1/2 1 3/8 1 3/8 15/32 A B C D inches Single Square & Double Square 6 Point & 6 Point Magnetic, For Predrilled Holes* 3/8” Sq. Dr. Sockets For SAE Sheet Metal Screws • Indicates a commonly requested item that is either in stock or has a max typical leadtime of 4 weeks from the factory. No minimum on these items. |