| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90583CAPFV bảng dữ liệu(PDF) 11 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90583CAPFV bảng dữ liệu(HTML) 11 Page - fujitsu semiconductor |
|
11 / 124 page ![]() MB90580C Series 11 *1: FPT-100P-M06 *2: FPT-100P-M05 (Continued) Pin no. Pin name Circuit type Function QFP*1 LQFP*2 21 19 P43 E (CMOS/H) General-purpose I/O port. This pin serves as an open-drain output port with OD43 in the open- drain control setting register (ODR4) set to “1”. [The pin is disabled with the input setting (DDR4 register: D43=“0”).] SIN1 UART1 serial data input (SIN1) pin. When UART1 is operating for input, this input is used as required and thus the output from any other function to the pin must be off unless used intentionally. 22 20 P44 E (CMOS/H) General-purpose I/O port. This pin serves as an open-drain output port with OD44 in the open- drain control setting register (ODR4) set to “1”. [The pin is disabled with the input setting (DDR4 register: D44=“0”).] SOT1 UART1 serial data output pin (SOT1). This pin is enabled with the UART1 serial data output enabled. 24 22 P45 E (CMOS/H) General-purpose I/O port. This pin serves as an open-drain output port with OD45 in the open- drain control setting register (ODR4) set to “1”. [The pin is disabled with the input setting (DDR4 register: D45=“0”).] SCK1 UART1 serial clock I/O pin (SCK1). This pin is enabled with the UART1 clock output enabled. 25 23 P46 E (CMOS/H) General-purpose I/O port. This pin serves as an open-drain output port with OD46 in the open- drain control setting register (ODR4) set to “1”. [The pin is disabled with the input setting (DDR4 register: D46=“0”).] ADTG External trigger input pin (ADTG) for the A/D converter. 26 24 P47 E (CMOS/H) General-purpose I/O port. This pin serves as an open-drain output port with OD47 in the open- drain control setting register (ODR4) set to “1”. [The pin is disabled with the input setting (DDR4 register: D47=“0”).] 38 36 P50 G (CMOS/H) General-purpose I/O port. AN0 Analog input pin (AN0) for use during A/D converter operation. SIN3 UART3 serial data input pin (SIN3). When UART3 is operating for input, this input is used as required and thus the output from any other function to the pin must be off unless used intentionally. 39 37 P51 G (CMOS/H) General-purpose I/O port. AN1 Analog input pin (AN1) for use during A/D converter operation. SOT3 UART3 serial data output pin (SOT3). This pin is enabled with the UART3 serial data output enabled. |