| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PTH08080W bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PTH08080W bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 19 page ![]() PTH08080W SLTS235D – FEBRUARY 2005 – REVISED SEPTEMBER 2013 www.ti.com Table 2. Calculated Set-Point Resistor Values Va Required Rset Va Required Rset Va Required Rset 0.900 Open 1.800 8.08 k Ω 3.700 1.36 k Ω 0.925 355 k Ω 1.850 7.56 k Ω 3.750 1.32 k Ω 0.950 176 k Ω 1.900 7.09 k Ω 3.800 1.25 k Ω 0.975 117 k Ω 1.950 6.67 k Ω 3.850 1.20 k Ω 1.000 87.2 k Ω 2.000 6.28 k Ω 3.900 1.15 k Ω 1.025 69.5 k Ω 2.050 5.92 k Ω 3.950 1.10 k Ω 1.050 57.6 k Ω 2.100 5.61 k Ω 4.000 1.05 k Ω 1.075 49.1 k Ω 2.150 5.31 k Ω 4.050 1.01 k Ω 1.100 42.7 k Ω 2.200 5.03 k Ω 4.100 964 Ω 1.125 37.8 k Ω 2.250 4.78 k Ω 4.150 922 Ω 1.150 33.8 k Ω 2.300 4.54 k Ω 4.200 880 Ω 1.175 30.6 k Ω 2.350 4.33 k Ω 4.250 840 Ω 1.200 27.9 k Ω 2.400 4.12 k Ω 4.300 801 Ω 1.225 25.6 k Ω 2.450 3.93 k Ω 4.350 763 Ω 1.250 23.6 k Ω 2.500 3.75 k Ω 4.400 726 Ω 1.275 21.9 k Ω 2.550 3.58 k Ω 4.450 690 Ω 1.300 20.5 k Ω 2.600 3.42 k Ω 4.500 655 Ω 1.325 19.1 k Ω 2.650 3.27 k Ω 4.550 621 Ω 1.350 17.9 k Ω 2.700 3.13 k Ω 4.600 588 Ω 1.375 16.9 k Ω 2.750 2.99 k Ω 4.650 556 Ω 1.400 14.6 k Ω 2.800 2.87 k Ω 4.700 525 Ω 1.425 13.7 k Ω 2.850 2.75 k Ω 4.750 494 Ω 1.450 13.0 k Ω 2.900 2.64 k Ω 4.800 465 Ω 1.475 13.7 k Ω 2.950 2.53 k Ω 4.850 436 Ω 1.500 13.0 k Ω 3.000 2.42 k Ω 4.900 408 Ω 1.525 12.4 k Ω 3.050 2.32 k Ω 4.950 380 Ω 1.550 11.9 k Ω 3.100 2.23 k Ω 5.000 353 Ω 1.575 11.4 k Ω 3.150 2.14 k Ω 5.050 327 Ω 1.600 10.9 k Ω 3.200 2.05 k Ω 5.100 301 Ω 1.625 10.5 k Ω 3.250 1.97 k Ω 5.150 276 Ω 1.650 10.0 k Ω 3.300 1.89 k Ω 5.200 252 Ω 1.675 9.68 k Ω 3.350 1.82 k Ω 5.250 228 Ω 1.700 9.32 k Ω 3.400 1.74 k Ω 5.300 205 Ω 1.725 8.98 k Ω 3.450 1.67 k Ω 5.350 182 Ω 1.750 8.66 k Ω 3.500 1.61 k Ω 5.400 160 Ω 1.775 8.36 k Ω 3.550 1.54 k Ω 5.450 138 Ω 1.800 8.08 k Ω 3.600 1.48 k Ω 5.500 117 Ω 1.825 7.81 k Ω 3.650 1.42 k Ω 8 Submit Documentation Feedback Copyright © 2005–2013, Texas Instruments Incorporated Product Folder Links :PTH08080W |