| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB89653APF bảng dữ liệu(PDF) 17 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB89653APF bảng dữ liệu(HTML) 17 Page - fujitsu semiconductor |
|
17 / 52 page ![]() 17 MB89650AR Series 7. Setting OTPROM Options The programming procedure is the same as that for the PROM. Options can be set by programming values at the addresses shown on the memory map. The relationship between bits and options is shown on the following bit map: • OTPROM option bit map Notes: • Set each bit to 1 to erase. • Do not write 0 to the vacant bit. The read value of the vacant bit is 1, unless 0 is written to it. Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0000H Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable P81 Pull-up 1: No 0: Yes P80 Pull-up 1: No 0: Yes Single/dual- clock system 1: Dual clock 2: Single clock 0001H P07 Pull-up 1: No 0: Yes P06 Pull-up 1: No 0: Yes P05 Pull-up 1: No 0: Yes P04 Pull-up 1: No 0: Yes P03 Pull-up 1: No 0: Yes P02 Pull-up 1: No 0: Yes P01 Pull-up 1: No 0: Yes P00 Pull-up 1: No 0: Yes 0002H P37 Pull-up 1: No 0: Yes P36 Pull-up 1: No 0: Yes P35 Pull-up 1: No 0: Yes P34 Pull-up 1: No 0: Yes P33 Pull-up 1: No 0: Yes P32 Pull-up 1: No 0: Yes P31 Pull-up 1: No 0: Yes P30 Pull-up 1: No 0: Yes 0003H P67 Pull-up 1: No 0: Yes P66 Pull-up 1: No 0: Yes P65 Pull-up 1: No 0: Yes P64 Pull-up 1: No 0: Yes P63 Pull-up 1: No 0: Yes P62 Pull-up 1: No 0: Yes P61 Pull-up 1: No 0: Yes P60 Pull-up 1: No 0: Yes 0004H P47 to P44 Pull-up 1: No 0: Yes P43 to P40 Pull-up 1: No 0: Yes P26 Pull-up 1: No 0: Yes P25 Pull-up 1: No 0: Yes P24 Pull-up 1: No 0: Yes P22 Pull-up 1: No 0: Yes P21 Pull-up 1: No 0: Yes P20 Pull-up 1: No 0: Yes 0005H Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable P17 to P14 Pull-up 1: No 0: Yes P13 Pull-up 1: No 0: Yes P12 Pull-up 1: No 0: Yes P11 Pull-up 1: No 0: Yes P10 Pull-up 1: No 0: Yes |