công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB89PV680CF bảng dữ liệu(PDF) 2 Page - fujitsu semiconductor

tên linh kiện MB89PV680CF
Giải thích chi tiết về linh kiện  8-bit Proprietary Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB89PV680CF bảng dữ liệu(HTML) 2 Page - fujitsu semiconductor

  MB89PV680CF Datasheet HTML 1Page - fujitsu semiconductor MB89PV680CF Datasheet HTML 2Page - fujitsu semiconductor MB89PV680CF Datasheet HTML 3Page - fujitsu semiconductor MB89PV680CF Datasheet HTML 4Page - fujitsu semiconductor MB89PV680CF Datasheet HTML 5Page - fujitsu semiconductor MB89PV680CF Datasheet HTML 6Page - fujitsu semiconductor MB89PV680CF Datasheet HTML 7Page - fujitsu semiconductor MB89PV680CF Datasheet HTML 8Page - fujitsu semiconductor MB89PV680CF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2
MB89680 Series
s PRODUCT LINEUP
* : Varies with conditions such as the operating frequency. (See section “s ELECTRICAL CHARACTERISTICS.”)
MB89P689
MB89W689
MB89PV680
Classification
Mass-produced
product
(mask ROM product)
One-time PROM
product
EPROM product
Piggyback/
evaluation product
(for development)
ROM size
60 K
× 8 bits
(internal mask ROM)
60 K
× 8 bits
(internal PROM)
60 K
× 8 bits
(internal EPROM)
60 K
× 8 bits
(external ROM)
RAM size
2.0 K
× 8 bits
Instruction bit length
8 bits
Instruction length
1 byte to 3 bytes
Data bit length
1, 8, 16 bits
Number of instructions
136
Clock generator
Built-in
Minimum execution time
0.5
µs/8 MHz to 8 µs/8 MHz, 61 µs/32.768 kHz
Interrupt processing time
4.5
µs/8 MHz to 72 µs/8 MHz, 562.5 µs/32.768 kHz
Ports
( ) indicate dual function
ports
Output ports (N-ch open-drain):
21 (8)
Output ports (CMOS):
8 (0)
I/O ports (N-ch open-drain):
8 (6)
I/O ports (CMOS):
48 (29)
Total:
85 (43)
8-bit PWM timer
8 bits
× 1 channel
8/16-bit timer/counter
8 bits
× 2 channels, or 16 bits × 1 channel
8-bit serial I/O
With 1-byte buffer
× 1 channel
8-bit A/D converter
8 bits
× 8 channels
UART
Full-duplex double buffer
Transfer data length: 6 bits to 8 bits
8 baud rates selectability, external clock available
Pulse width counter
5-bit noise reduction circuit
Pulse edge detectable and selectable (rising, falling, and both edges)
Software modem
transmission circuit
1200-bps/2400-bps modem output
External interrupt
16 channels
Timebase timer
21 bits
Watch prescaler
15 bits
Standby mode
Watch mode, subclock mode, sleep mode, and stop mode
Process
CMOS
Power supply voltage*
2.2 V to 6.0 V
2.7 V to 6.0 V
EPROM for use
MBM27C512-20TV
MB89689
Part number
Item



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com