| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB89181 bảng dữ liệu(PDF) 40 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB89181 bảng dữ liệu(HTML) 40 Page - fujitsu semiconductor |
|
40 / 50 page ![]() 40 MB89180 Series s INSTRUCTIONS Execution instructions can be divided into the following four groups: • Transfer • Arithmetic operation • Branch • Others Table 1 lists symbols used for notation of instructions. Table 1 Instruction Symbols (Continued) Symbol Meaning dir Direct address (8 bits) off Offset (8 bits) ext Extended address (16 bits) #vct Vector table number (3 bits) #d8 Immediate data (8 bits) #d16 Immediate data (16 bits) dir: b Bit direct address (8:3 bits) rel Branch relative address (8 bits) @ Register indirect (Example: @A, @IX, @EP) A Accumulator A (Whether its length is 8 or 16 bits is determined by the instruction in use.) AH Upper 8 bits of accumulator A (8 bits) AL Lower 8 bits of accumulator A (8 bits) T Temporary accumulator T (Whether its length is 8 or 16 bits is determined by the instruction in use.) TH Upper 8 bits of temporary accumulator T (8 bits) TL Lower 8 bits of temporary accumulator T (8 bits) IX Index register IX (16 bits) |