công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3DPFP bảng dữ liệu(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3DPFP
Giải thích chi tiết về linh kiện  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DPFP bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button TSB41BA3DPFP Datasheet HTML 24Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 25Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 26Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 27Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 28Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 29Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 30Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 31Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
Power-Up Reset
TSB41BA3D
SLLS959A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
The TSB41BA3D also functions with an LLC that is compliant with the older 1394 standards. This interface is
compatible with both the older Annex J interface specified in the IEEE Std 1394-1995 (with the exception of the
Annex J isolation interfacing method) and the PHY-LLC interface specified in 1394a-2000. When using an LLC
that is compliant with the IEEE 1394b-2002 interface, the BMODE input must be tied low.
When the BMODE input is tied low, the TSB41BA3D implements the PHY-LLC interface specified in the
1394a-2000 Supplement. This interface is based on the interface described in informative Annex J of IEEE Std
1394-1995, which is the interface used in the oldest Texas Instruments PHY devices. The PHY-LLC interface
specified in 1394a-2000 is compatible with the older Annex J. However, the TSB41BA3D does not support the
Annex J isolation interfacing method. When implementing the 1394a-2000 interface, certain signals are not used:
• The PINT output (terminal 1) can be left open.
• The LCLK_PMC input (terminal 7) must be tied directly to ground or through a pulldown resistor of ~1 kΩ or
less, unless the PMC mode is desired (see LCLK_PMC terminal description).
All other signals are connected to their counterparts on the 1394a link-layer controller. The PCLK output
corresponds to the SCLK input signal on most LLCs.
The 1394a-2000 Supplement includes enhancements to the Annex J interface that should be comprehended
when using the TSB41BA3D with a 1394-1995 LLC device.
• A new LLC service request was added which allows the LLC to temporarily enable and disable asynchronous
arbitration accelerations. If the LLC does not implement this new service request, then the arbitration
enhancements must not be enabled (see the EAA bit in PHY register 5).
• The capability to perform multispeed concatenation (the concatenation of packets of differing speeds) was
added in order to improve bus efficiency (primarily during isochronous transmission). If the LLC does not
support multispeed concatenation, then multispeed concatenation must not be enabled in the PHY (see the
EMC bit in PHY register 5).
• In order to accommodate the higher transmission speeds expected in future revisions of the standard,
1394a-2000 extended the speed code in bus requests from 2 bits to 3 bits, increasing the length of the bus
request from 7 bits to 8 bits. The new speed codes were carefully selected so that new 1394a-2000 PHY and
LLC devices would be compatible, for speeds from S100 to S400, with legacy PHY and LLC devices that use
the 2-bit speed codes. The TSB41BA3D correctly interprets both 7-bit bus requests (with 2-bit speed code)
and 8-bit bus requests (with 3-bit speed codes). Moreover, if a 7-bit bus request is immediately followed by
another request (for example, a register read or write request), then the TSB41BA3D correctly interprets both
requests. Although the TSB41BA3D correctly interprets 8-bit bus requests, a request with a speed code
exceeding S400 while in 1394a-2000 PHY-link interface mode results in the TSB41BA3D transmitting a null
packet (data prefix followed by data end, with no data in the packet).
To ensure proper operation of the TSB41BA3D, the RESET terminal must be asserted low for a minimum of
2 ms from the time that PHY power reaches the minimum required supply voltage and the input clock to the PHY
is valid. When using a passive capacitor on the RESET terminal to generate a power-on-reset signal, the
minimum reset time is ensured if the value of the capacitor satisfies the following equation (the value must be no
smaller than approximately 0.1
µF):
Cmin = 0.0077 × T + 0.085 + (external_oscillator_start-up_time × 0.05)
Where Cmin is the minimum capacitance on the RESET terminal in µF, T is the VDD ramp time, 10%–90%, in ms,
external_oscillator_start-up_time is the time in ms from application of power to the external oscillator until the
oscillator
outputs
a
valid
clock.
If
a
crystal
is
used
rather
than
an
oscillator,
then
the
external_oscillator_start-up_time can be set to 0.
For example with a 2-ms power ramp time and a 2-ms oscillator start-up time:
Cmin = 0.0077 × 2 + 0.085 + (2 × 0.05) = 0.2 µF
It is appropriate to select the nearest standard value capacitor that exceeds this value, for example 0.22
µF.
Or with a 2-ms power ramp time and a 49.152-MHz fundamental crystal:
Cmin = 0.0077 × 2 + 0.085 + (0 × 0.05) = 0.1 µF
28
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com