| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE7232GS bảng dữ liệu(PDF) 18 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7232GS bảng dữ liệu(HTML) 18 Page - Infineon Technologies AG |
|
18 / 32 page ![]() OverLoadTiming .emf IN I D t t td(fault) L = 1b L = 0 b I D(lim) IN I D t t td(off) L = 1b L = 0b I D(lim) OLCR.OVL = 0 OLCR.OVL = 1 SPI Driver for Enhanced Relay Control SPIDER - TLE7232GS Block Description and Electrical Characteristics Data Sheet 18 Rev. 1.0, 2007-12-18 5.2.1 Overload Protection The SPIDER - TLE7232GS is protected in case of overload or short circuit of the load. The behavior in case of overload can be configured as follows: 1. The current is limited to I DS(LIM). After time td(fault), the according overload flag CLn is set. The channel may shut down due to overtemperature. 2. The current is limited to I DS(LIM). After time td(off), the overloaded channel n switches off and the according overload flag CLn is set. The overload flag (CLn) of the affected channel is cleared by a low-high transition of the input signal. For timing information, please refer to Figure 8 for details. Figure 8 Overload Behavior 5.2.2 Overtemperature Protection A temperature sensor for each channel causes an overheated channel n to switch off immediately to prevent destruction. The behavior in case of overtemperature can be configured as follows: 1. After cooling down, the channel is switched on again with thermal hysteresis ∆T j. 2. The affected channel stays switched off until the overtemperature flag is cleared. The overtemperature flag of the affected channel is cleared by a low-high transition of the input signal. 5.2.3 Reverse Polarity Protection In case of reverse polarity, the intrinsic body diode of the power transistor causes power dissipation. The reverse current through the intrinsic body diode has to be limited by the connected load. The V DD supply pin must be protected against reverse polarity externally. The overtemperature protection as well as other protective functions are not active during reverse polarity. |