công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P6SMB200AT3G bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện P6SMB200AT3G
Giải thích chi tiết về linh kiện  600 Watt Peak Power Zener Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P6SMB200AT3G bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  P6SMB200AT3G Datasheet HTML 1Page - ON Semiconductor P6SMB200AT3G Datasheet HTML 2Page - ON Semiconductor P6SMB200AT3G Datasheet HTML 3Page - ON Semiconductor P6SMB200AT3G Datasheet HTML 4Page - ON Semiconductor P6SMB200AT3G Datasheet HTML 5Page - ON Semiconductor P6SMB200AT3G Datasheet HTML 6Page - ON Semiconductor P6SMB200AT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P6SMB6.8AT3G Series, SZP6SMB6.8AT3G Series
http://onsemi.com
4
NONREPETITIVE
PULSE WAVEFORM
SHOWN IN FIGURE 2
tP, PULSE WIDTH
1
10
100
0.1
ms1 ms10 ms
100
ms
1 ms
10 ms
0.1
Figure 1. Pulse Rating Curve
0
123
4
0
50
100
t, TIME (ms)
HALF VALUE -
IPP
2
PEAK VALUE - IPP
tr ≤ 10 ms
Figure 2. Pulse Waveform
TYPICAL PROTECTION CIRCUIT
Vin
VL
Zin
LOAD
Figure 3. Pulse Derating Curve
100
80
60
40
20
0
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
120
140
160
tP
PULSE WIDTH (tP) IS DEFINED AS
THAT POINT WHERE THE PEAK
CURRENT DECAYS TO 50% OF
IPP.
Figure 4. Typical Junction Capacitance vs.
Bias Voltage
P6SMB6.8AT3G
P6SMB18AT3G
P6SMB51AT3G
P6SMB200AT3G
BIAS VOLTAGE (VOLTS)
1
10
100
1000
10
100
1000
10,000
1
5
TJ = 25°C
f = 1 MHz



Html Pages

1 2 3 4 5 6 7