| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP5522TMX/NOPB bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP5522TMX/NOPB bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 17 page ![]() Command entering period Blank period CTRL LED To Standby Programmed sequence Command entering period Blank period CTRL LED To Standby Programmed sequence Command entering period Blank period CTRL LED To Standby LP5522 www.ti.com SNVS488 – JUNE 2007 RUN ONCE COMMAND Programmed blinking sequence is performed once after Run Once command. Four rising edges of CTRL signal within command entering period is interpreted as Run Once command. If CTRL is kept high after command entering period the programmed blinking sequence starts right after the blank period has elapsed. CTRL signal must stay high as long as programmed blinking sequence is executed. If CTRL is set low during execution of blinking sequence, device goes to standby and execution of blinking sequence is stopped. If CTRL signal is low after command entering period, Run Once command is executed once the CTRL is set high. TRAINING START COMMAND Blinking sequence is programmed into memory in training mode. Blinking sequence is stored into volatile memory, thus removing input voltage VIN resets the memory. Memory can also be reset by giving Training Start and Training End commands without any valid LED ON/OFF times. LP5522 enters to Training mode after Training Start command. Two rising edges within command entering period is interpreted as the Training Start command. The first LED ON time capturing is started once the rising edge of CTRL signal is detected after the blank period. LED output follows CTRL signal during the programming. The first LED ON time is recorded once CTRL signal is set low. Same time the first LED OFF time capturing is started. Programmed blinking sequence can have one to three LED ON/OFF times. In order to be programmed correctly, at least one valid LED ON and LED OFF time must be recorded. Copyright © 2007, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: LP5522 |