| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SA3244 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SA3244 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() www.bulgin.co.uk 31 BUCCANEER CABLE ACCEPTANCE Cable gland for 5-7mm fitted as standard. Cable Gland Gland Additional Diameter Part No. Colour Suffix 5-7mm 12023/1 White Fitted as standard 3.5-5mm 12023/5 Grey Suffix /04 6-8mm 12023 Black Suffix /06 7-9mm 12023/2 Yellow Suffix /07 Gland Pack PX0812 Pack of 3 glands to suit cables 3.5-5mm, 6-8mm, 7-9mm dia To order body with alternative cable gland add suffix to part no. e.g. PX0800/06 = PX0800 body with cable gland to suit 6-8mm dia. cable. HOW TO ORDER Choose body type, check cable diameter and sealing gland size. Determine contact carrier inserts. Choose number of poles, and type of contacts (solder, crimp, screw terminal or BNC). Choose pins or sockets. Solder and crimp contacts are supplied separately in packs of ten. Choose polarising/blanking pins. If required for solder/crimp contact inserts. Supplied in packs of ten. Is an insertion tool required (for solder or crimp contacts)? Is a crimp tool required? Is a sealing cap required? SPECIFICATION Electrical Solder/Crimp Terminals Screw Terminals BNC No Poles: 3, 8 2, 3 4 6 Current Rating: 5A 10A 6A 3A Voltage Rating: 380V ac 250V ac 250V ac 250V ac Contact Resistance: <5m Ω Insulation Resistance: >106M Ω @ 500V d.c. Voltage Proof: 2kV @ 50Hz Operating Temp. Range: –20°C to +70°C Approvals: Materials Solder/Crimp Terminals Screw Terminals BNC Body Mouldings: Polyamide UL94V-0 Inserts: Polyamide UL94V-0 Contacts: Copper Alloy, Gold Plated (0.1µm) on Nickel Brass, Nickel Plated Brass, Silver Plated. O Rings: Nitrile Mechanical Solder/Crimp Terminals Screw Terminals BNC Sealing: Protection Classification IP68, BS EN60529:1992. Tested @ 1.054Kg/sq.in. (15lb/sq.in.) 10m depth for 2 weeks. Cable Acceptance 5-7mm dia - standard gland 3.5-9mm dia - alternative glands Contact Accommodation: 0.2 - 0.5mm2 (20 - 24 AWG) 1mm2 max (18 AWG) 50 Ω: RG58/CU, URM43, URM76 75 Ω: URM70 Insertion Force (typical): 3 way: 5N (1.1lbf) 3 way: 45N (10lbf) 8 way: 14N (3.1lbf) 4 way: 50N (11lbf) 6 way: 140N (31lbf) Withdrawal Force (typical): 3 way: 3N (0.66lbf) 3 way: 32N (7lbf) 8 way: 12N (2.6lbf) 4 way: 40N (9lbf) 6 way: 150N (34lbf) Tightening Torques Gland Nut, PX0800, 801: 1.13Nm (10lbf in) Rear Nut, PX0802, 803, 804, 805: 0.7Nm min, 1.7Nm max (6.2lbf in min, 15lbf in max) Sealing Cap, PX0810, 811: 0.23Nm min, 1.13Nm max (2lbf in min, 10lbf in max) Mini Buccaneer® Contact Inserts and Accessories |