công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PBOC bảng dữ liệu(PDF) 1 Page - OPLINK Communications Inc.

tên linh kiện PBOC
Giải thích chi tiết về linh kiện  Polarization Maintaining Beam Splitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OPLINK [OPLINK Communications Inc.]
Trang chủ  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PBOC bảng dữ liệu(HTML) 1 Page - OPLINK Communications Inc.

  PBOC Datasheet HTML 1Page - OPLINK Communications Inc. PBOC Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
PBOC Series
Min
Typical
Max
Unit
Operating Wavelength Range ( λ
Op )
C Band
1520 ~ 1570
nm
L Band
1570 ~ 1610
Insertion Loss [1] @
λ
Op , TOp , SOP
1→2, 1→3, 2→4 or 3→4
0.8
dB
Total IL
1 ⇒ 4 (with Ports 2 and 3
Connected
1.45
Isolation @ λ
Op , TOp
, SOP
2→1, 3→1, 4→2 or 4→3
40
dB
Extinction Ration
1→2, 1→3,
20
dB
Return Loss [1]
50
55
dB
Crosstalk
1→4 (Port 2 and 3 Open)
50
dB
PMD
1→4 (Port 2 and 3 Connected)
0.05
ps
Polarization Alignment of Output Fiber
Slow Axis
dB
Optical Power Handling
500
mW
Operating Temperature Rang (Top)
-5 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
Port 1 and Port 4
SMF-28, 250μm Bare Fiber
Port 2 and Port 3
Fujikura Panda, 400μm UV Buffer
Color Coding
Port 1 : Black, Port 2 : Red
Port 3 : Clear, Port 4 : Clear
Physical Dimensions
(Ø) 5.5 x (L) 62.0
mm
Applications
Performance Specificationns
Note: 1) excluding connectors.
Function Diagram
S0060 - R01. 20100604
Polarization Maintaining Beam
Splitter/Optical Circulator Hybrid
PBOC Series
Oplink’s Polarization Maintaining Beam Splitter/Optical Circulator (PBOC) hy-
brid module combines the functionalities of a beam splitter and a circulator
while providing polarization control. It is specially designed for optical mod-
ule or subsystem integration, such as dynamic gain equalizers (DGEs), planar
lightwave circuit (PLC) devices, optical waveguide modules and MEMS based
modules.The PBOC features low insertion loss, low dispersion and compact
packages.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other components
to form a full function module or subsystem.
Compact Package
Low Insertion Loss
Low Dispersion
High Isolation
Epoxy-free Optical Path
DGE
PLC and MEMS Modules
Optical Waveguide Modules
Optical Network Applications
Port 2
Output (Port 4)
In put (Port 1)
Port 3


Số phần tương tự - PBOC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPLINK Communications I...
PBOC-S0060 OPLINK-PBOC-S0060 Datasheet
267Kb / 2P
Polarization Maintaining Beam Splitter/Optical Circulator Hybrid
More results

Mô tả tương tự - PBOC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPLINK Communications I...
PMBC1450P0011 OPLINK-PMBC1450P0011 Datasheet
195Kb / 2P
Polarization Maintaining Beam Combination
PMOC13100031 OPLINK-PMOC13100031 Datasheet
291Kb / 2P
Polarization Maintaining Optical Circulators
PBOC-S0060 OPLINK-PBOC-S0060 Datasheet
267Kb / 2P
Polarization Maintaining Beam Splitter/Optical Circulator Hybrid
PMBC-S0066 OPLINK-PMBC-S0066 Datasheet
316Kb / 2P
Polarization Maintaining Beam Combiner
PMIH-S0162 OPLINK-PMIH-S0162 Datasheet
182Kb / 2P
Polarization Maintaining Beam Combiner and Isolator Hybrid
PMOC-S0067 OPLINK-PMOC-S0067 Datasheet
154Kb / 2P
Polarization Maintaining Optical Circulators
PMTC-S0068 OPLINK-PMTC-S0068 Datasheet
312Kb / 2P
Polarization Maintaining Tap Coupler
PMBC OPLINK-PMBC Datasheet
316Kb / 2P
Polarization Maintaining Beam Combiner
PMIH OPLINK-PMIH Datasheet
182Kb / 2P
Polarization Maintaining Beam Combiner and Isolator Hybrid
logo
Lightel Technologies IN...
PMPC-0980-1-B-1 LIGHTEL-PMPC-0980-1-B-1 Datasheet
88Kb / 1P
Polarization Maintaining Patch Cord
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com