| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RF2048 bảng dữ liệu(PDF) 8 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RF2048 bảng dữ liệu(HTML) 8 Page - RF Micro Devices |
|
8 / 10 page ![]() 8 of 10 RF2048 Rev A13 DS070403 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com. PCB Design Requirements PCB Surface Finish The PCB surface finish used for RFMD’s qualification process is Electroless Nickel, immersion Gold. Typical thickness is 3 μinch to 8 μinch Gold over 180μinch Nickel. PCB Land Pattern Recommendation PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and tested for optimized assembly at RFMD; however, it may require some modifications to address company specific assembly pro- cesses. The PCB land pattern has been developed to accommodate lead and package tolerances. PCB Metal Land Mask Pattern Figure 1. PCB Metal Land Pattern - RF204X (Top View) A = 1.90 x 1.14 Typ. B = 0.63 x 1.90 Typ. Dimensions in mm. Pin 1 B B A A 1.84 Typ. 3.68 Typ. 1.84 Typ. 3.68 Typ. |