công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM8803 bảng dữ liệu(PDF) 26 Page - STMicroelectronics

tên linh kiện PM8803
Giải thích chi tiết về linh kiện  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803 bảng dữ liệu(HTML) 26 Page - STMicroelectronics

Back Button PM8803 Datasheet HTML 22Page - STMicroelectronics PM8803 Datasheet HTML 23Page - STMicroelectronics PM8803 Datasheet HTML 24Page - STMicroelectronics PM8803 Datasheet HTML 25Page - STMicroelectronics PM8803 Datasheet HTML 26Page - STMicroelectronics PM8803 Datasheet HTML 27Page - STMicroelectronics PM8803 Datasheet HTML 28Page - STMicroelectronics PM8803 Datasheet HTML 29Page - STMicroelectronics PM8803 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
PWM controller
PM8803
26/34
Doc ID 018559 Rev 2
The same delay time is set between the GAT1 falling edge and the subsequent GAT2 falling
edge.
The useful range for RDT is between 5 k to 200 kOhm. A resistor should always be
connected to this pin.
Figure 12.
Delay time vs. RDT
Figure 13.
Timing relationship between output drivers as a function of DT
AM045102v1
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 170 180 190 200
DT [ns]
RDT[KOhm]
GAT2
GAT1
DT
DT
AM045103v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34