| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T491B6861004A2 bảng dữ liệu(PDF) 4 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
T491B6861004A2 bảng dữ liệu(HTML) 4 Page - Kemet Corporation |
|
4 / 24 page ![]() © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2005_T491 • 6/12/2014 44 Tantalum Surface Mount Capacitors – Standard Tantalum T491 Series Industrial Grade MnO2 Electrical Characteristics 1 10 100 1,000 100 1,000 10,000 100,000 1,000,000 10,000,000 Frequency (Hz) T491C336M025AT T491D476M025AT T491X107M025AT 0.01 0.1 1 10 100 100 1,000 10,000 100,000 1,000,000 10,000,000 Frequency (Hz) T491C336M025AT_IMP T491D476M025AT_IMP T491X107M025AT_IMP T491C336M025AT_ESR T491D476M025AT_ESR T491X107M025AT_ESR Capacitance vs. Frequency ESR vs. Frequency Dimensions – Millimeters (Inches) Metric will govern H X T B B G F E A L R P SIDE VIEW ANODE (+) END VIEW BOTTOM VIEW CATHODE (-) END VIEW W S S Termination cutout at KEMET's option, either end Case Size Component KEMET EIA L* W* H* F* ±0.1 ±(.004) S* ±0.3 ±(.012) B* ±0.15 (Ref) ±.006 X (Ref) P (Ref) R (Ref) T (Ref) A (Min) G (Ref) E (Ref) A 3216–18 3.2 ±0.2 (0.126 ±0.008) 1.6 ±0.2 (0.063 ±0.008) 1.6 ±0.2 (0.063 ±0.008) 1.2 (.047) 0.8 (.031) 0.4 (.016) 0.10 ±0.10 (0.004 ±0.004) 0.4 (.016) 0.4 (.016) 0.13 (.005) 0.8 (.31) 1.1 (.043) 1.3 (.051) B 3528–21 3.5 ±0.2 (0.138 ±0.008) 2.8 ±0.2 (0.110 ±0.008) 1.9 ±0.2 (0.075 ±0.008) 2.2 (.087) 0.8 (.031) 0.4 (.016) 0.10 ±0.10 (0.004 ±0.004) 0.5 (.020) 1.0 (.039) 0.13 (.005) 1.1 (0.043) 1.8 (.071) 2.2 (.087) C 6032–28 6.0 ±0.3 (0.236 ±0.03) 3.2 ±0.3 (0.126 ±0.012) 2.5 ±0.3 (0.098 ±0.012) 2.2 (.087) 1.3 (.051) 0.5 (.020) 0.10 ±0.10 (0.004 ±0.004) 0.9 (.035) 1.0 (.039) 0.13 (.005) 2.5(.098) 2.8 (.110) 2.4 (.094) D 7343–31 7.3 ±0.3 (0.287 ±0.012) 4.3 ±0.3 (0.169 ±0.012) 2.8 ±0.3 (0.110 ±0.012) 2.4 (.094) 1.3 (.051) 0.5 (.020) 0.10 ±0.10 (0.004 ±0.004) 0.9 (.035) 1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) X 7343–43 7.3 ±0.3 (0.287 ±0.012) 4.3 ±0.3 (0.169 ±0.012) 4.0 ±0.3 (0.157 ±0.012) 2.4 (.094) 1.3 (.051) 0.5 (.020) 0.10 ±0.10 (0.004 ±0.004) 1.7 (.067) 1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) E 7360-38 7.3 ±0.3 (0.287 ±0.012) 6.0± 0.3 (0.236 ±0.012) 3.6 ± 0.2 (0.142 ±0.008) 4.1 (.161) 1.3 (.051) 0.5 (.020) 0.10 ± 0.10 (0.004 ±0.004) n/a n/a 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) S 3216–12 3.2 ±0.2 (0.126 ±0.008) 1.6 ±0.2 (0.063 ±0.008) 1.2 (0.047) 1.2 (.047) 0.8 (.031) n/a 0.05 (0.002) n/a n/a 0.13 (.005) 0.8 (.031) 1.1 (.043) 1.3 (.051) T 3528–12 3.5 ±0.2 (0.138 ±0.008) 2.8 ±0.2 (0.110 ±0.008) 1.2 (0.047) 2.2 (.087) 0.8 (.031) n/a 0.05 (0.002) n/a n/a 0.13 (.005) 1.1 (.043) 1.8 (.071) 2.2 (.087) U 6032–15 6.0 ±0.3 (0.236 ±0.012) 3.2 ±0.2 (0.110 ±0.008) 1.5 (0.059) 2.2 (.087) 1.3 (.051) n/a 0.05 (0.002) n/a n/a 0.13 (.005) 2.5(.098) 2.8 (.110) 2.4 (.094) V 7343-20 7.3 ±0.3 (0.287 ±0.012) 4.3 ±0.3 (0.169 ±0.012) 2.0 (0.079) 2.4 (.094) 1.3 (.051) n/a 0.05 (0.002) n/a n/a 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) W 7343-15 7.3 ±0.3 (0.287 ±0.012) 4.3 ±0.3 (0.169 ±0.012) 1.5 (0.059) 2.4 (.094) 1.3 (.051) n/a 0.05 (0.002) n/a n/a 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) Notes: (Ref) – Dimensions provided for reference only. No dimensions are provided for B, P or R because low profile cases do not have a bevel or a notch. * MIL–PRF–55365/8 specified dimensions |