| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9700D013TR bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9700D013TR bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 8 page ![]() Figure 3 : Typical Application. The minimum value for CIN is determined by the ac- curacy required, the time taken to sample the input and the input impedance during that time, while the maximum value is determined by the required fre- quency response and the value of RS. Thus for a resistive input A/D connector where : TS = Sample time (Seconds) RD = Device input resistance (Ohms) VIN = Input voltage (Volts) k = Required accuracy (%) Q1 = Charge on capacitor before sampling Q2 = Charge on capacitor after sampling ID = Device input current (Amps) Thus : k ⋅ Q1 Q1– Q2 = 100 but Q1 = CIN VIN and Q1– Q2 = ID – TS k ⋅ CIN – VIN so that ID TS = 100 ID ⋅ TS and CIN (min) = Farad VIN ⋅ k 100 ⋅ TS so CIN (min) = Farad k ⋅ RD The calculation for a sample and hold type convertor is even simpler : k = Required accuracy (%) CH = Hold capacitor (Farad) 100 ⋅ CH CIN (min) = Farad k L9700 5/8 Obsolete Product(s) - Obsolete Product(s) |