công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WDBR3 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện WDBR3
Giải thích chi tiết về linh kiện  Ultra Low Profile Power Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

WDBR3 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  WDBR3 Datasheet HTML 1Page - List of Unclassifed Manufacturers WDBR3 Datasheet HTML 2Page - List of Unclassifed Manufacturers WDBR3 Datasheet HTML 3Page - List of Unclassifed Manufacturers WDBR3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ultra Low Profile
Power Resistors
WDBR Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
2.14
WDBR resistors may be customised in various ways including:
·Alternativeshapesanddimensionsupto406mmx406mm
·Integrationoftemperaturemeasurementelements
·Alternativeohmicvalues,tolerance&TCR
·Increaseddielectricwithstandvoltage
·CustombrakingresistorswithULapproval
For a full Applications Note for dynamic braking see http://www.welwyn-tt.com/pdf/application_notes/WDBR.pdf
MaximumSingle Overload Power
0.1
1
10
100
0.01
0.11
10
100
Duration of Overload (s)
DBR1/2
DBR1
DB 2
DB 3
W
DB 5
DB 7
Single Overload Energy Capacity
0.01
0.1
1
10
100
0.01
0.11
10
100
Duration of Overload (s)
WDBR1/2
WDBR1
WDBR2
WDBR3
WDBR5
WDBR7
Overload Conditions
Maximum peak current (A)
W
W
W
W
W
W
R
R
R
R
Value
(ohms)
12
15
20
22
25
47
50
100
150
WDBR1/2
15.2
15.2
7.6
7.6
7.6
7.6
7.6
7.6
WDBR1
21.6
21.6
21.6
8.3
8.3
8.3
8.3
8.3
8.3
WDBR2
20.3
20.3
7.6
7.6
7.6
7.6
7.6
7.6
7.6
WDBR3
25.4
25.4
25.4
25.4
11.4
11.4
11.4
11.4
11.4
WDBR5
25.4
25.4
25.4
25.4
25.4
10.2
10.2
10.2
10.2
WDBR7
44.5
44.5
44.5
44.5
44.5
20.3
20.3
20.3
20.3
Bolt Size
Typical Tightening Torque (Nm)
WDBR1/2
M2
0.6
WDBR1
M3
2
WDBR2
M5
2.5
WDBR3
M5
2.5
WDBR5
M5
3.5
WDBR7
M5
4
Application Notes
A heatsink with thermal resistance
≤0.53°C/W will enable the component to operate at its continuous power rating. Thermal grease (e.g. Dow
Corning DC340) should be used and the heatsink should have a surface finish of <6.3μm with flatness of <0.05mm. The resistor should be mounted
using an appropriate bolt as listed in the table below. This should be tightened so as to bring the whole area of the steel substrate into intimate
contact with the heatsink. The unmounted part is slightly bowed so that the centre is above the edges. Inadequate tightening will leave the centre
out of contact with the heatsink, whilst over tightening can cause the edges to rise. The tightening torque required will depend on the fixings and
heatsink used, but typical figures are given for guidance. WDBR resistors will fail safe (open circuit) under overload fault conditions and still maintain
a 1kV dielectric withstand.



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com