công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NLV32T-R33J-PF bảng dữ liệu(PDF) 3 Page - TDK Electronics

tên linh kiện NLV32T-R33J-PF
Giải thích chi tiết về linh kiện  Inductors for Standard Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-R33J-PF bảng dữ liệu(HTML) 3 Page - TDK Electronics

  NLV32T-R33J-PF Datasheet HTML 1Page - TDK Electronics NLV32T-R33J-PF Datasheet HTML 2Page - TDK Electronics NLV32T-R33J-PF Datasheet HTML 3Page - TDK Electronics NLV32T-R33J-PF Datasheet HTML 4Page - TDK Electronics NLV32T-R33J-PF Datasheet HTML 5Page - TDK Electronics NLV32T-R33J-PF Datasheet HTML 6Page - TDK Electronics NLV32T-R33J-PF Datasheet HTML 7Page - TDK Electronics NLV32T-R33J-PF Datasheet HTML 8Page - TDK Electronics NLV32T-R33J-PF Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
(3/14)
INDUC
T
O
RS
001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm
• All specifications are subject to change without notice.
Inductors for Standard Circuits
Wound Ferrite
FEATURES
Resin mold type wound inductor for standard circuits.
0.01 to 470μH, E-12 Series, wide lineup compatible with J (±5%) tolerance, can be used for applications that need to meet strict L
tolerance such as filter circuits.
Has excellent inductance temperature characteristics in the operating temperature range.
APPLICATION
Smart meters, AV equipment, xDSL, electronic devices for communications infrastructure such as mobile base stations, industrial
equipment, other
Vehicle accessories (car navigation systems, car audio, ETC)
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of the NLV Series
NLV
25
T
-
010
-
J
-
□□
Series name
L×W×H Dimensions
Packaging style
Inductance
Inductance
tolerance
Internal code
(mm)
(μH)
25
2.5×2.0×1.8
T
Taping
010
0.01
J
±5%
PF
Compatible with the RoHS
Directive, Exemption
regulations apply
32
3.2×2.5×2.2
R10
0.1
1R0
1
100
10
EF
Compatible with the RoHS
Directive
101
100
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(mg)
NLV25
–40 to +105
–40 to +105
2000
25
NLV32
–40 to +105
–40 to +105
2000
50
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com