công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28062 bảng dữ liệu(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320F28062
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28062 bảng dữ liệu(HTML) 53 Page - Texas Instruments

Back Button TMS320F28062 Datasheet HTML 49Page - Texas Instruments TMS320F28062 Datasheet HTML 50Page - Texas Instruments TMS320F28062 Datasheet HTML 51Page - Texas Instruments TMS320F28062 Datasheet HTML 52Page - Texas Instruments TMS320F28062 Datasheet HTML 53Page - Texas Instruments TMS320F28062 Datasheet HTML 54Page - Texas Instruments TMS320F28062 Datasheet HTML 55Page - Texas Instruments TMS320F28062 Datasheet HTML 56Page - Texas Instruments TMS320F28062 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 175 page
background image
NMIFLG[NMINT]
1
0
Generate
Interrupt
Pulse
When
Input = 1
NMINT
Latch
Clear
Set
Clear
NMIFLGCLR[NMINT]
XRS
0
NMICFG[CLOCKFAIL]
Latch
Clear
Set
Clear
XRS
NMIFLG[CLOCKFAIL]
NMI Watchdog
SYSCLKOUT
SYSRS
NMIRS
NMIWDPRD[15:0]
NMIWDCNT[15:0]
NMIFLGCLR[CLOCKFAIL]
SYNC?
NMIFLGFRC[CLOCKFAIL]
SYSCLKOUT
See System
Control Section
CLOCKFAIL
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698D – NOVEMBER 2010 – REVISED DECEMBER 2012
2.9.5
Loss of Input Clock (NMI Watchdog Function)
The
2806x
devices
may
be
clocked
from
either
one
of
the
internal
zero-pin
oscillators
(INTOSC1/INTOSC2), the on-chip crystal oscillator, or from an external clock input. Regardless of the
clock source, in PLL-enabled and PLL-bypass mode, if the input clock to the PLL vanishes, the PLL will
issue a limp-mode clock at its output. This limp-mode clock continues to clock the CPU and peripherals at
a typical frequency of 1–5 MHz.
When the limp mode is activated, a CLOCKFAIL signal is generated that is latched as an NMI interrupt.
Depending on how the NMIRESETSEL bit has been configured, a reset to the device can be fired
immediately or the NMI watchdog counter can issue a reset when it overflows. In addition to this, the
Missing Clock Status (MCLKSTS) bit is set. The NMI interrupt could be used by the application to detect
the input clock failure and initiate necessary corrective action such as switching over to an alternative
clock source (if available) or initiate a shut-down procedure for the system.
If the software does not respond to the clock-fail condition, the NMI watchdog triggers a reset after a
preprogrammed time interval. Figure 2-15 shows the interrupt mechanisms involved.
Figure 2-15. NMI-Watchdog
2.9.6
CPU-Watchdog Module
The CPU-watchdog module on the 2806x device is similar to the one used on the 281x/280x/283xx
devices. This module generates an output pulse, 512 oscillator clocks wide (OSCCLK), whenever the 8-bit
watchdog up counter has reached its maximum value. To prevent this, the user must disable the counter
or the software must periodically write a 0x55 + 0xAA sequence into the watchdog key register that resets
the watchdog counter. Figure 2-16 shows the various functional blocks within the watchdog module.
Copyright © 2010–2012, Texas Instruments Incorporated
Device Overview
53
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com