công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP3972 bảng dữ liệu(PDF) 39 Page - Texas Instruments

tên linh kiện LP3972
Giải thích chi tiết về linh kiện  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button LP3972_14 Datasheet HTML 35Page - Texas Instruments LP3972_14 Datasheet HTML 36Page - Texas Instruments LP3972_14 Datasheet HTML 37Page - Texas Instruments LP3972_14 Datasheet HTML 38Page - Texas Instruments LP3972_14 Datasheet HTML 39Page - Texas Instruments LP3972_14 Datasheet HTML 40Page - Texas Instruments LP3972_14 Datasheet HTML 41Page - Texas Instruments LP3972_14 Datasheet HTML 42Page - Texas Instruments LP3972_14 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
0
0
1
0
0
0
0
0
Register Address
Ack
VCC1 (8Z[20)
0
0
1
1
0
0
1
1
Data
Ack
Register Data (00110011)
0
0
1
0
1
0
1
0
Register Address
Ack
SDTV2 (8Z[2A)
0
0
0
0
1
1
1
1
Data
Ack
Register Data (00001111)
0
0
1
0
0
1
0
0
Register Address
Ack
ADTV2 (8Z[24)
0
0
0
1
0
1
1
1
Data
Ack
Register Data (00010111)
0
1
1
0
1
0
0
0
Device ID
Ack
Stop
Start
W
LP3972
www.ti.com
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
Example 2) Voltage change Sequence
PMIC Register
PMIC Register
Register Data
Description
Address
Name
8h’24
ADTV2
00010111
Sets the VCC_APPS target voltage 2 to 1.3 V
8h’2A
SDTV2
00001111
Sets the VCC_SRAM target voltage 2 to 1.1 V
8h’20
VCC1
00110011
Enable VCC_SRAM and VCC_APPS to change to their programmed target
values.
I2C DATA EXCHANGE BETWEEN MASTER AND SLAVE DEVICE
Figure 27.
LP3972 Controls
DIGITAL INTERFACE CONTROL SIGNALS
Signal
Definition
Active State
Signal Direction
SYS_EN
High Voltage Power Enable
High
Input
PWR_EN
Low Voltage Power Enable
High
Input
SCL
Serial Bus Clock Line
Clock
Input
SDA
Serial Bus Data Line
Bidirectional
nRSTI
Forces an unconditional
Low
Input
hardware reset
nRSTO
Forces an unconditional
Low
Output
hardware reset
nBATT_FLT
Main Battery removed or
Low
Output
discharged indicator
PWR_ON
Wakeup Input to CPU
High
Input
nTEST_JIG
Wakeup Input to CPU
Low
Input
SPARE
Wakeup Input to CPU
High/Low
Input
EXT_WAKEUP
Wake-Up Output for application
High
Output
processor
GPIO1 / nCHG_EN
General Purpose I/O /External
Bidirectional /Input
Back-up Battery Charger enable
GPIO2
General Purpose I/O
Bidirectional
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com