công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3500 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM3500
Giải thích chi tiết về linh kiện  Synchronous Step-up DC/DC Converter for White LED Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3500 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM3500 Datasheet HTML 1Page - Texas Instruments LM3500 Datasheet HTML 2Page - Texas Instruments LM3500 Datasheet HTML 3Page - Texas Instruments LM3500 Datasheet HTML 4Page - Texas Instruments LM3500 Datasheet HTML 5Page - Texas Instruments LM3500 Datasheet HTML 6Page - Texas Instruments LM3500 Datasheet HTML 7Page - Texas Instruments LM3500 Datasheet HTML 8Page - Texas Instruments LM3500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM3500
www.ti.com
SNVS231F – MAY 2004 – REVISED APRIL 2007
LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
Check for Samples: LM3500
1
FEATURES
input and output
•
Thermal Shutdown
2
•
Synchronous rectification, high efficiency and
no external schottky diode required
•
0.1µA shutdown current
•
Uses small surface mount components
•
Small 8-bump thin micro SMD package
•
Can drive 2-5 white LEDs in series
APPLICATIONS
–
(may function with more low-VF LEDs)
•
LCD Bias Supplies
•
2.7V to 7V input range
•
White LED Backlighting
•
Internal output over-voltage protection (OVP)
circuitry, with no external zener diode required
•
Handheld Devices
–
LM3500-16: 15.5V OVP; LM3500-21: 20.5V
•
Digital Cameras
OVP.
•
Portable Applications
•
True shutdown isolation
•
Input undervoltage lockout
•
Requires only small ceramic capacitors at the
DESCRIPTION
The LM3500 is a fixed-frequency step-up DC/DC converter that is ideal for driving white LEDs for display
backlighting and other lighting functions. With fully intergrated synchronous switching (no external schottky diode
required) and a low feedback voltage (500mV), power efficiency of the LM3500 circuit has been optimized for
lighting applications in wireless phones and other portable products (single cell Li-Ion or 3-cell NiMH battery
supplies). The LM3500 operates with a fixed 1MHz switching frequency. When used with ceramic input and
output capacitors, the LM3500 provides a small, low-noise, low-cost solution.
Two LM3500 options are available with different output voltage capabilities. The LM3500-21 has a maximum
output voltage of 21V and is typically suited for driving 4 or 5 white LEDs in series. The LM3500-16 has a
maximum output voltage of 16V and is typically suited for driving 3 or 4 white LEDs in series (maximum number
of series LEDs dependent on LED forward voltage). If the primary white LED network should be disconnected,
the LM3500 uses internal protection circuitry on the output to prevent a destructive over-voltage event.
A single external resistor is used to set the maximum LED current in LED-drive applications. The LED current
can easily be adjusted using a pulse width modulated (PWM) signal on the shutdown pin. In shutdown, the
LM3500 completely disconnects the input from output, creating total isolation and preventing any leakage
currents from trickling into the LEDs.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM3500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3500 NSC-LM3500 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED
logo
Texas Instruments
LM3500 TI1-LM3500 Datasheet
1Mb / 26P
LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3500TL-16 NSC-LM3500TL-16 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED
logo
Texas Instruments
LM3500TL-16/NOPB TI1-LM3500TL-16/NOPB Datasheet
1Mb / 26P
LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3500TL-21 NSC-LM3500TL-21 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED
More results

Mô tả tương tự - LM3500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3500 NSC-LM3500 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED Applications
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
DC-DC Step-Up Converter for White LED
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T Datasheet
612Kb / 7P
Step Up Type DC/DC Converter for White LED
logo
SYNC POWER Crop.
SP1938 SYNC-POWER-SP1938 Datasheet
171Kb / 6P
DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
DC-DC Step-Up Converter for White LED
logo
Texas Instruments
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3500 TI1-LM3500 Datasheet
1Mb / 26P
LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com