| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LC010B bảng dữ liệu(PDF) 2 Page - Lineage Power Corporation |
|
|
|||||||||||||||||||||||||||||
LC010B bảng dữ liệu(HTML) 2 Page - Lineage Power Corporation |
|
2 / 24 page ![]() 2 Lineage Power Data Sheet March 27, 2008 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W LC/LW010- and LC/LW015-Series Power Modules: Absolute Maximum Ratings Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso- lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability. * Maximum case temperature varies based on power dissipation. See derating curves, Figures 43—45, for details. Electrical Specifications Fusing Considerations CAUTION: This power module is not internally fused. An input line fuse must always be used. This encapsulated power module can be used in a wide variety of applications, ranging from simple stand-alone operation to an integrated part of a sophisticated power architecture. To preserve maximum flexibility, internal fus- ing is not included; however, to achieve maximum safety and system protection, always use an input line fuse. The safety agencies require a normal-blow, dc fuse with a maximum rating of 5 A (see Safety Considerations section). Based on the information provided in this data sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data for further information. Parameter Device Symbol Min Typ Max Unit Input Voltage: Continuous Transient (100 ms) LC LW LW VI VI VI, trans 0 0 0 — — — 50 80 100 Vdc Vdc V Operating Case Temperature (See Derating Curves, Figures 43—45.) All TC –40 — 105* °C Storage Temperature All Tstg –55 — 125 °C I/O Isolation All — — — 1500 Vdc Table 1. Input Specifications Parameter Device Symbol Min Typ Max Unit Operating Input Voltage LC LW VI VI 18 36 24 48 36 75 Vdc Vdc Maximum Input Current (VI = 0 to VI, max; IO = IO, max; see Figures 1—4.) LC LW II, max II, max — — — — 1.6 800 A mA Inrush Transient All I2t —— 0.2 A2s Input Reflected-ripple Current (5 Hz to 20 MHz; 12 µH source imped- ance; TA = 25 °C; see Figure 33.) All II —5— mAp-p Input Ripple Rejection (100 Hz—120 Hz) All — — 45 — dB |