| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HF366 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
HF366 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 5 page ![]() 4-11 Siemens Industry, Inc. SPEEDFAX™ 2011 Product Catalog Product Category HDSS Heavy Duty Safety Switches Selection Siemens / Speedfax Previous folio: 3-11 Updated by S Spencer 10-15-10 0030 HF261 015 HF261R 015 03 071⁄2 — — 03 10 — — 05 15 0060 HF262 020 HF262R 020 05 20 — — 10 25 — — 10 30 0100 HF263 026 HF263R 027 10 30 — — 15 40 — — 20 50 0400 HF265n 149 HF265Rn 152 — 50 — — 50 — — — 40 50 0600 HF266n 150 HF266Rn 155 — 50 — — 50 — — — 50 50 600 Volt Fusiblee 2-Pole, 2-Fusec 480 Volt AC/600 Volt AC/600 Volt DC 0030 HF361 14 HF361R 015 333 071⁄2 005 015 03 10 0071⁄2 020 05 — 0030 HF361Lg 19 HF361RLg 020 3 071⁄2 005 015 03 10 0071⁄2 020 05 — 0060 HF362 19 HF362R 020 5 20 015 030 10 25 015 050 10 30h 0060 — — — HF362RLg 025 5 20 015 030 10 25 015 050 10 30h 0100 HF363 24 HF363R 025 5 20 025 060 15 40 030 075 20 50h 0200 HF364 48 HF364R 049 25 50 050 125 30 50 060 150 40 50 0400 HF365Hb 136 HF365RHb 137 — — 100 250 — — 125 350 50 — 0400 HF365 154 HF365R 157 — — 100 250 — — 125 350 50 — 0600 HF366Hb 138 HF366RHb 141 — — 150 400 — — 200 500 50 — 0600 HF366 157 HF366R 161 — — 150 400 — — 200 500 50 — 0800 HF367 365 HF367R 365 — — 200 500 — — 250 500 50 — 1200 HF368 383 HF368R 385 — — 200 500 — — 250 500 50 — 3-Pole, 3-Fuse 480 Volt AC/600 Volt AC/250 Volt DCa 0030 HF361S 013 HF361J 014 — — 005 015 — — 0071⁄2 020 05 — 0060 HF362S 020 HF362J 020 — — 015 030 — — 015 050 10 30h 0100 HF363S 025 HF363J 025 — — 025 060 — — 030 075 20 50h 0200 HF364S 049 HF364J 049 — — 050 125 — — 060 150 40 50 0400 HF365S 158 HF365J 160 — — 100 250 — — 125 350 50 — 0600 HF366S 161 HF366J 161 — — 150 400 — — 200 500 50 — 0800 HF367S 370 HF367Jn 365 — — 200 500 — — 250 500 50 — 01200 HF368Sn 388 HF368Jn 388 — — 250 500 — — 250 500 50 — 3-Pole, 3-Fuse 480 Volt AC/600 Volt AC/250 Volt DCa n Built to order. Allow 2–3 weeks for delivery. a 60-200A 3-Pole switches are also rated 600V DC. b Height reduced switch (45.25 rather than 56 inches in height) for use with 500MCM or smaller conductors. c Use 3-Pole switch for 200A applications. d Dual horsepower ratings: Std.- applies when non-time delay fuses are installed. Max.- applies when time- delay fuses are installed. e Suitable for use as service entrance equipment except for 1200 when used on 480 or 600V grounded wye system. f Also rated Type 3S/3R. g Indicates oversized enclosure (30A switch with 60A lugs in a 60A enclosure or 60A switch with 100A lugs in a 100A enclosure). h 600V DC & 600V DC horsepower rating shown requires (2) poles to be connected in series. 304 grade stainless steel. For switches with enclosures constructed from 316 grade stainless steel, see page 4-16. Indoor — Type 1 Outdoor — Type 3R 480V AC 600V AC Ship. Wt. Ship. Wt. 1-Phase, 3-Phase, 1-Phase, 3-Phase, 250 600 Ampere (lbs.) (lbs.) 2-Wire 3-Wire 2-Wire 3-Wire Volt Volt System Rating Catalog Number Std. Pkg. Catalog Number Std. Pkg. Std. Max. Std. Max. Std. Max. Std. Max. DC DC Horsepower Ratingsd 0030 HF361N 014 HF361NR 015 03 071⁄2 005 015 03 10 0071⁄2 020 05 — 0060 HF362N 019 HF362NR 020 05 20 015 030 10 25 015 050 10 30h 0100 HF363N 025 HF363NR 026 10 30 025 060 15 40 030 075 20 50h 0200 HF364N 049 HF364NR 050 25 50 050 125 30 50 060 150 40 50 0400 HF365N 158 HF365NR 162 — — 100 250 — — 125 350 50 — 0600 HF366N 161 HF366NR 165 — — 150 400 — — 200 500 50 — 0800 HF367N 375 HF367NR 375 — — 250 500 — — 250 500 50 — 1200 HF368N 395 HF368NR 388 — — 250 500 — — 250 500 50 — 3-Pole, 3-Fuse and Solid Neutral 480 Volt AC/600 Volt AC/250 Volt DCa Type 4/4X Stainless Type 12 Industrialf 0030 HF261S 015 HF261Jn 015 03 071⁄2 — — 03 10 — — 05 15 0060 HF262S 020 HF262Jn 020 05 20 — — 10 25 — — 10 30 0100 HF263Sn 027 HF263Jn 027 10 30 — — 15 40 — — 20 50 0400 HF265Sn 153 HF265Jn 155 — 50 — — 50 — — — 40 50 0600 HF266Sn 156 HF266Jn 156 — 50 — — 50 — — — 50 50 600 Volt Fusiblee (For 2-Pole Applications use outside poles of 3-Pole Switches) 2-Pole, 2-Fusec 480 Volt AC/600 Volt AC/600 Volt DC |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |