công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GLQ bảng dữ liệu(PDF) 1 Page - Cooper Bussmann, Inc.

tên linh kiện GLQ
Giải thích chi tiết về linh kiện  Specialty Fuse Fast-Acting, Size Rejecting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COOPER [Cooper Bussmann, Inc.]
Trang chủ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GLQ bảng dữ liệu(HTML) 1 Page - Cooper Bussmann, Inc.

  GLQ Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Catalog Symbol: GLQ (Fuse)
HLQ (Fuseholder)
Fast-Acting Rejection Style
Ampere Rating: 1-10 Amperes
Voltage Rating: 300 Volts AC or less
Interrupting Rating: 10,000 Amperes
Agency Information:
Fuse:
UL Listed, Std. 248-14, Guide JDYX, File E19180
CSA Certified, C22.2 No. 248.14, Class 1422-01, File 53787
Fuseholder:
UL Recognized, Guide IZLT2, File E14853
CSA Certified, Class 6225-01, File 47235
Specialty Fuse
GLQ
Fast-Acting, Size Rejecting
& HLQ
Form No. GLQ & HLQ
Page 1 of 1
Data Sheet: 2033
Bussmann®
5-22-02
SB02233
0.63"
(15.9mm)
FUSE
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Dimensional Data
CURRENT IN AMPERES
AMPERE
RATING
100
10
1
.1
.01
Electrical Ratings for Type GLQ Fuses and Rejection
Style Carriers
Fuse
Carrier
Fuse
Carrier
GLQ-1
HLQ-1flꭧ
GLQ-3
HLQ-3¤Ω¡º
GLQ-1⁄Ω™
HLQ-1flꭧ
GLQ-4
HLQ-5
GLQ-1flꭧ
HLQ-1flꭧ
GLQ-5
HLQ-5
GLQ-2
HLQ-3¤Ω¡º
GLQ-9
HLQ-10
GLQ-2⁄Ω™
HLQ-3¤Ω¡º
GLQ-10
HLQ-10
Time-Current Characteristic Curves–Average Melt
General Information:
• Size of GLQ fuse varies with ampere rating.
• GLQ fuses mount in HLQ size rejecting carriers (prevents
overfusing).
• Fuse and knob are an integral one-piece unit. There are no
replacement knobs (caps).
• HLQ carrier comes with 6∑ of #18 red insulated solid copper
wire attached to the line side.
• Customer inserts a #18 insulated solid copper wire into load
side receptacle.
• Units can be panel mounted with a separate steel clip. For
the knockout hole (see above), choose #BK/A-104. For the
keyhole punch type hole, choose #6374 for panels .043” to
.062” thick, or #4909 for panels .030” to .042” thick.
• Do not put tension on line (rear) terminal of fuse-holder.
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000 Vac, 75-1500 Vdc). Refer to Data Sheet: 8002 or contact
Bussmann Application Engineering at 636-527-1270 for more information.
.720''
C
L
.850''
.850''
2.250''
.740''
.870''
.635''
.255''
.410''
Keyhole Punch
Knockout Hole
Load Lead
Line Lead
18.29mm
21.59mm
21.59mm
57.15mm
22.10mm
18.80mm
6.48mm
16.13mm
10.41mm
FUSE AND CARRIER
MOUNTING HOLE


Số phần tương tự - GLQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Eaton All Rights Reserv...
GLQ EATON-GLQ Datasheet
153Kb / 2P
Specialty fuse, fast-acting, size rejecting
logo
Emerson Network Power
GLQ110 EMERSON-NETWORKPOWER-GLQ110 Datasheet
12Mb / 109P
GLQ110 Series Installation & Operating Instructions
Rev 2 12/29/09
More results

Mô tả tương tự - GLQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
225100 LITTELFUSE-225100_1 Datasheet
42Kb / 1P
2AG Fast-Acting Fuse
logo
Cooper Bussmann, Inc.
GMQ-1-1-4 COOPER-GMQ-1-1-4 Datasheet
59Kb / 2P
Specialty Fuse
GMW-1100 COOPER-GMW-1100 Datasheet
29Kb / 1P
Specialty Fuses Fast-Acting
HLR-2A COOPER-HLR-2A Datasheet
49Kb / 1P
Specialty Fuse Fast-Acting, Non-Rejecting
logo
Littelfuse
BLF LITTELFUSE-BLF_15 Datasheet
383Kb / 2P
Fast-acting Midget / 5AG Size Fuse
BLN LITTELFUSE-BLN_16 Datasheet
371Kb / 2P
Fast-acting Midget / 5AG Size Fuse
logo
Eaton All Rights Reserv...
GLQ EATON-GLQ Datasheet
153Kb / 2P
Specialty fuse, fast-acting, size rejecting
GLR EATON-GLR Datasheet
226Kb / 2P
Non-rejecting, fast-acting fuse and in-line fuse holders
GMW EATON-GMW Datasheet
185Kb / 2P
Specialty fuse fast-acting and fuse holder
logo
Littelfuse
BLF LITTELFUSE-BLF_V01 Datasheet
845Kb / 2P
BLF Series Fast-acting Midget / 5AG Size Fuse
Revised: April 12, 2021
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com