| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCPL-7840 bảng dữ liệu(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HCPL-7840 bảng dữ liệu(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 19 page ![]() 2 Ordering Information HCPL-7840 is UL Recognized with 3750 Vrms for 1 minute per UL1577. Option Part RoHS non RoHS Surface Gull Tape IEC/EN/DIN Number Compliant Compliant Package Mount Wing & Reel EN 60747-5-2 Quantity -000E no option X 50 per tube -300E #300 X X X 50 per tube HCPL-7840 -500E #500 300 mil DIP-8 X X X X 1000 per reel -060E #060 X 50 per tube -360E #360 X X X 50 per tube -560E #560 X X X X 1000 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: HCPL-7840-560E to order product of Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747-5-2 Safety Approval and RoHS compliant. Example 2: HCPL-7840 to order product of 300 mil DIP package in Tube packaging and non RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15, 2001 and RoHS compliant will use ‘–XXXE.’ |