công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMP008P104 bảng dữ liệu(PDF) 23 Page - List of Unclassifed Manufacturers

tên linh kiện FMP008P104
Giải thích chi tiết về linh kiện  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

FMP008P104 bảng dữ liệu(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button FMP008P104 Datasheet HTML 19Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 20Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 21Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 22Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 23Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 24Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 25Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 26Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN - MAßE IN MILLIMETER (INCHES IN KLAMMERN)
48
ML 12/2008
A1
A2
A3
A4
A5
0,1
0,1
0.118
3
0.039
1
1
2
3
5
A1
A2
A3
A4
0.1
0.1
0.118
3
0.039
1
10
6
A3
A2
5
1
A1
0.1
0.1
3 0.118
0.039
1
A1
1
8
A2
15
0.1
7
0.1
0.118
3
0.039
1
PCB Hole Pattern for Connectors with Straight PCB Terminations
Leiterplattenlochbild für Steckverbinder mit geradem Leiterplattenanschluss
All PCB hole patterns apply to male connectors with straight PCB contacts (signal contacts P1) and the coaxial contacts FME010P... or FME005P... (when
using female connectors the hole pattern must be mirrored on the Y-axis).
Measurements without tolerances are in accordance with DIN ISO 2768 m.
Alle Lochbilder gelten für Stiftsteckverbinder mit geradem Leiterplattenanschluss (Signalkontakte P1) und eingebauten Koaxialkontakten FME010P... bzw.
FME005P... (bei Verwendung von Buchsensteckverbindern muss das Lochbild an der Y-Achse gespiegelt werden).
Maße ohne Toleranzangabe nach DIN ISO 2768 m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39