công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KA2F-6 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện KA2F-6
Giải thích chi tiết về linh kiện  Mechanical accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

KA2F-6 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  KA2F-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers KA2F-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers KA2F-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers KA2F-6 Datasheet HTML 4Page - List of Unclassifed Manufacturers KA2F-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers KA2F-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers KA2F-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers KA2F-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6.6 - UL FORMULA Molded Case Circuit Breakers
3.00
76.2
1.38
35
0.41
10.5
1.00
25.4
2.00
50.8
1.38
35
50.8
FCCuAl 4-1 AWG Terminals
Caption
3 Bottom terminal covers with IP40 degree of protection (compulsory)
4 FCCuAl 4-1 AWG terminals
6 50mm insulating barriers between the terminals (compulsory) not supplied
with FCCuAl terminals kit, but with the circuit breaker in base version
7 Compartment door drilling template and fixing insulation (provided by
customer)
8 Compulsory internal 1 pole -
2 pole insulation plates (provided by customer)
3 pole
3 pole
1-2 pole
1-2 pole
1-2 pole
1-2 pole
A [mm/in]
B [mm/in]
C [mm/in]
Without flange
69/2.72
33/1.30
66/2.60
1 POLE
69/2.72
58/2.28
91/3.58
2 POLE
61*/2.40*
33/1.30
66/2.60
1 POLE
61*/2.40*
58/2.28
91/3.58
2 POLE
* Distance only possible with insulation plate max 1mm / 0.04in thick
Approximate dimensions
A1 - Circuit breaker and terminals



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com