| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CEFN103-HF bảng dữ liệu(PDF) 3 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
CEFN103-HF bảng dữ liệu(HTML) 3 Page - Comchip Technology |
|
3 / 4 page ![]() Page 3 REV:A Comchip Technology CO., LTD. SMD Efficient Fast Recovery Rectifiers QW-JE001 Company reserves the right to improve product design , functions and reliability without notice. B C d D D2 D1 E F P P0 P1 SYMBOL W W1 (mm) (inch) 0.185 ± 0.004 0.094 ± 0.004 0.050 ± 0.004 0.059 ± 0.004 12.992 ± 0.079 1.969 MIN. 0.512 ± 0.020 SYMBOL (mm) (inch) 0.069 ± 0.004 0.217 ± 0.002 0.315 ± 0.004 0.157 ± 0.004 0.079 ± 0.004 0.472 ± 0.012 0.567 MAX. 4.70 ± 0.10 2.40 ± 0.10 8.00 ± 0.10 1.50 ± 0.10 5.50 ± 0.05 1.75 ± 0.10 50.0 MIN. 13.0 ± 0.50 1.26 ± 0.10 4.00 ± 0.10 2.00 ± 0.10 12.00 ± 0.30 14.4 MAX. 330 ± 2.00 Reel Taping Specification Trailer Device Leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... End Start D1 D W1 T C Direction of Feed Index hole d E F B W P P0 P1 A A D2 1206 1206 |