công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9904 bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện L9904
Giải thích chi tiết về linh kiện  MOTOR BRIDGE CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9904 bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button L9904 Datasheet HTML 9Page - STMicroelectronics L9904 Datasheet HTML 10Page - STMicroelectronics L9904 Datasheet HTML 11Page - STMicroelectronics L9904 Datasheet HTML 12Page - STMicroelectronics L9904 Datasheet HTML 13Page - STMicroelectronics L9904 Datasheet HTML 14Page - STMicroelectronics L9904 Datasheet HTML 15Page - STMicroelectronics L9904 Datasheet HTML 16Page - STMicroelectronics L9904 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
L9904
14/17
tCCP= RPR · CPR · ln NPR
with NPR= VPRH / VPRL = 2
tCCP= 0.69 · RPR · CPR
3.14 ISO-Interface
The ISO-Interface provides the communication between the micro controller and a serial bus with a baud rate
up to 60kbit/s via a single wire which is VBAT and GND compatible. The logic level transmission input TX drives
the open drain K-output. The K output can be connected to a serial bus with a pull up resistor to VBAT. The K-
pin is protected against overvoltage, short to GND and VS and can be driven beyond VVS and GND. During lack
of VVS or GND the output shows high impedance characteristic. The open drain output RX with an internal pull
up resistor monitors the status at the K-pin to read the received data and control the transmitted data. Short
circuit condition at K-pin is recognized if the internal open drain transistor isn't able to pull the voltage potential
at K-pin below the threshold of 0.45·VVS. Then the RX stays in high condition. A timer starts and switches the
open drain transistor after typ. 20µs off. A next low at the TX input resets the timer and the open drain transistor
switches on again.
Figure 11. Functional schematic of the ISO-interface
RX
TX
K
VCC
R RX
0.5
VVS
TX
R
TSH
delay
=
R
S
Q
R
IKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com