| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9904TR bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9904TR bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 17 page ![]() 5/17 L9904 VTXH Input high level 3.5 V VTXh Input hysteresis voltage 2) 1 V RTX Internal pull up resistance to internal VCC 3) VTX = 0 10 20 40 k ISO interface, receiver output (RX) VRXL Output voltage high stage TX = HIGH; IRX = 0; VK = VVS 4.5 5.5 V RRX Internal pull up resistance to internal VCC 3) TX = HIGH; VRX = 0V 5 10 20 k RRXON ON resistance to ground TX = LOW; IRX = 1mA 40 90 tRXH Output high delay time Fig. 1 0.5 s tRXL Output low delay time 0.5 s ISO interface, K-line (K) VKL Input low level -20V 0.45 · VVS VKH Input high level 0.55 · VVS VVS VKh Input hysteresis voltage 2) 0.025· VVS 0.8V IKH Input current VTX = HIGH -5 25 A RKON ON resistance to ground VTX = LOW; IK=10mA 10 30 IKSC Short circuit current VTX = LOW 40 130 mA fK Transmission frequency 60 100 kHz 2. not tested in production: guaranteed by design and verified in characterization 3. Internal VVCC is 4.5V ... 5.5V 4. see page 18 for calculation of programmable cross conduction protection time tKr Rise time VVS = 13.5V; Fig. 1 External loads at K-line: RK = 510 pull up to VVS CK = 2.2nF to GND 2 6 s tKf Fall time 2 6 s tKH Switch high delay time 4 17 s tKL Switch low delay time 4 17 s tSH Short circuit detection time VVS = 13.5V; TX = LOW VK > 0.55 · VVS 10 40 s Charge pump VCP Charge pump voltage VVS = 8V VVS = 13.5V VVS = 20V VVS+ 7V VVS+ 10V VVS+ 10V VVS+ 14V VVS+ 14V VVS +14V Table 5. Electrical Characteristcs (continued) (8V < VVS < 20V, VEN = HIGH, -40°C TJ 150°C, unless otherwise specified. The voltages are refered to GND and currents are assumed positive, when current flows into the pin Symbol Parameter Test Condition Min. Typ. Max. Unit |