| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6393DTR bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6393DTR bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 19 page ![]() L6393 Truth table Doc ID 14497 Rev 4 5/19 3 Truth table Note: X: don’t care In the L6393 IC the two input signals PHASE and BRAKE are fed into an AND logic port and the resulting signal is in phase with the high side output HVG and in opposition of phase with the low side output LVG. This means that if BRAKE is kept to high level, the PHASE signal drives the half-bridge in phase with the HVG output and in opposition of phase with the LVG output. If BRAKE is set to low level the low side output LVG is always ON and the high side output HVG is always OFF, whatever the PHASE signal. This kind of logic interface provides the possibility to control the power stages using the PHASE signal to select the current direction in the bridge and the BRAKE signal to perform current slow decay on the low sides. From the point of view of the logic operations the two signals PHASE and BRAKE are completely equivalent, that means the two signals can be exchanged without any change in the behavior on the resulting output signals (see the Figure 1 on page 3). Note: The dead time between the turn OFF of one power switch and the turn ON of the other power switch is defined by the resistor connected between DT pin and the ground. Table 3. Truth table Inputs Outputs SD PHASE BRAKE LVG HVG L X X L L H L L H L H L H H L H H L H L H H H L H |