công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

QA01 bảng dữ liệu(PDF) 2 Page - MORNSUN Science& Technology Ltd.

tên linh kiện QA01
Giải thích chi tiết về linh kiện  Application Design For IGBT Driver DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

QA01 bảng dữ liệu(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  QA01 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. QA01 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. QA01 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. QA01 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. QA01 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
QA series
2013.11.21-A/4
Page 2 of5
Output
Voltage
QA02
+Vo
V
in=12VDC, Pin6 & Pin7 +Io=+80mA
14
15
16
VDC
-Vo
V
in=12VDC, Pin5& Pin6 -Io=-40mA
-7
-8.7
-10
QA03
+Vo
V
in=24VDC, Pin6 & Pin7 +Io=+80mA
14
15
16
-Vo
V
in=24VDC, Pin5 & Pin6 -Io=-40mA
-7
-8.7
-10
QA04
+Vo
V
in=12VDC, Pin6 & Pin7 +Io=+100mA
14
15
16
-Vo
V
in=12VDC, Pin5 & Pin6-Io=-80mA
-7
-8
-9
Line Regulation
Vin Range
--
±1.2
±1.5
%
Temperature coefficient
100% load
--
--
±0.03
%/
°C
Ripple & Noise*
20MHz Bandwidth
100
200
mVp-p
Short Circuit Protection
Continuous, automatic recovery
Note:* Ripple and noise tested with
“parallel cable” method. See detailed operation instructions at DC-DC Application Notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-Output, tested for 1 minute and leakage
current less than 1 mA
3000
--
--
VAC
Isolation Resistance
Input-Output, test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input-Output,100KHz/0.1V
--
6.6
--
pF
Switching Frequency
Full load ,nominal input
--
100
300
KHz
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
Case Material
Plastic(UL94-V0)
Weight
--
4.3
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
--
--
95
%
Operating Temperature
Power derating(
≥85℃, see Figure 2)
-40
--
105
°C
Storage Temperature
-55
--
125
Temperature rise
Ta=25
°C
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
Cooling
Free air convection
EMC SPECIFICATIONS
EMI
CE
CISPR22/EN55022
CLASS B (Recommended Circuit Refer to Figure1)
RE
CISPR22/EN55022
CLASS B (Recommended Circuit Refer to Figure1)
EMS
ESD
IEC/EN61000-4-2
Contact
±8KV
perf. CriteriaB
EMC RECOMMENDED CIRCUIT
EMI Typical Recommended Circuit(CLASSB):
Vin
G ND
+Vo
- Vo
(0V)
EUT
L O AD
L DM
C1
Vin
G ND
(Figure1)
Recommended typical circuit parameters:
Vin(V)
12/15/24
EMI
C1
4.7
µF /50V
LDM
12
µH



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com