| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EBC10DRAS bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EBC10DRAS bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 3 page ![]() Pb RoHS COMPLIANT D C B A A B C D 1 2 3 4 5 6 7 8 8 7 6 5 4 3 2 1 E F E F DIMENSIONS ARE IN INCHES[MM] TOLERANCES: ANGULAR: 30' .XX= .02 [.508] .XXX= .005 [.1270] .XXXX= .0005 [.0127] SURFACE FINISH: 63 Ra REMOVE ALL BURRS AND SHARP EDGES .010 MAX INTERPRET DIMENSIONS AND GEOMETRIC TOLERANCING PER: ANSI Y14.5M-1994 UNLESS OTHERWISE SPECIFIED: DATE NAME DRAWN SIZE C DWG. NO. REV SHEET 2 OF 3 SCALE: 2:1 MNH C10876 C THE INFORMATION HEREIN CONTAINS PROPIETARY INFORMATION OF SULLINS ELECTRONICS AND IS NOT TO BE REPRODUCED, USED OR DISCLOSED TO OTHERS FOR ANY PURPOSE EXCEPT AS SPECIFICALLY AUTHORIZED IN WRITING BY AN OFFICER OF SULLINS ELECTRONICS. EDGECARD, .100 CC LP _ _ C _ _ DRA _ FILE NAME: Z:\COMPONENTS\Part Assemblies\Customer Drawings\Customer Drawings for Catalog\C10876, _ _C_ _DRA_ PRINT: 5/8/2008 DESCRIPTION 01-19-07 PART NUMBER CUSTOMER COPY C _ _ C _ _ DRAN D .135 3.43 4X .125 3.18 _ _ C _ _ DRAS .125 FOR 3.18 SIDE MOUNTING .100 2.54 .156 3.96 .185 4.70 .043 MIN 1.09 A D PCB LAYOUT (#OF POSITIONS-1) X .100 .065 1.65 .065 1.65 _ _ C_ _DRAB 'B' MOUNTING CONNECTORS AVAILABLE IN ANY POSITION COUNT FROM 1 TO 65 _ _ C _ _ DRAI THREADED INSERT 2X #4-40 D .280 7.11 _ _ C _ _ DRAF D 2X FLOATING BOBBIN .116[2.95] CLEARANCE FOR # 4 SCREW |