| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B2403S/D-1WR2 bảng dữ liệu(PDF) 2 Page - MORNSUN Science& Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
B2403S/D-1WR2 bảng dữ liệu(HTML) 2 Page - MORNSUN Science& Technology Ltd. |
|
2 / 5 page ![]() The copyright and authority for the interpretation of the products are reserved by MORNSUN B_S-1WR2&B_D-1WR2 2013.06.18-A/2 Page 2 of 5 OUTPUT SPECIFICATIONS Item Test Conditions Min. Typ. Max. Unit Output Voltage Accuracy See tolerance envelope curve 3.3V output -- -- ±1.5 Line Voltage Regulation For Vin change of ±1% Others -- -- ±1.2 3.3V output -- 18 -- 5V output -- 12 -- 9V output -- 8 -- 12V output -- 7 -- 15V output -- 6 -- Load Regulation 10% to 100% load 24V output -- 5 -- % Temperature drift coefficient 100% load -- -- ±0.03 %/ °C Output Voltage ≤12V -- 30 -- Ripple & Noise* 20MHz Bandwidth Others -- 60 -- mVp-p Short Circuit Protection Continuous, automatic recovery Note:* Ripple and noise tested with “parallel cable” method. See detailed operation instructions at DC-DC Application Notes. COMMON SPECIFICATIONS Item Test Conditions Min. Typ. Max. Unit Isolation Voltage Input-Output, Tested for 1 minute and leakage current less than 1 mA 1500 -- -- VDC Isolation Resistance Input-Output, Test at 500VDC 1000 -- -- M Ω Isolation Capacitance Input-Output,100KHz/0.1V -- 20 -- pF Switching Frequency Full load, nominal input -- 100 300 KHz MTBF MIL-HDBK-217F@25℃ 3500 -- -- K hours Case Material Plastic(UL94-V0) B_S-1WR2 Series -- 1.2 -- Weight B_D-1WR2 Series -- 1.8 -- g ENVIRONMENTAL SPECIFICATIONS Item Test Conditions Min. Typ. Max. Unit Storage Humidity Non condensing -- -- 95 % Operating Temperature Power derating (above 85℃ see Figure 2) -40 -- 105 Storage Temperature -55 -- 125 Temperature rise Ta=25 °C,100% Load -- 25 -- Lead Temperature 1.5mm from case for 10 seconds -- -- 300 °C Cooling Free air convection EMC SPECIFICATIONS CE CISPR22/EN55022 CLASS B(Recommended Circuit Refer to Figure1) EMI RE CISPR22/EN55022 CLASS B(Recommended Circuit Refer to Figure1) EMS ESD IEC/EN61000-4-2 Contact ±8KV perf. Criteria B EMC RECOMMENDED CIRCUIT EMI Typical Recommended Circuit(CLASS B): Vin G ND +Vo 0V E UT LO AD L DM C0 Vin G ND (Figure 1) Recommended typical circuit parameters: Vin(V) 3.3/5/12/15/24 C0 4.7 µF /50V EMI LDM 6.8 µH |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |