công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B2403S/D-1WR2 bảng dữ liệu(PDF) 2 Page - MORNSUN Science& Technology Ltd.

tên linh kiện B2403S/D-1WR2
Giải thích chi tiết về linh kiện  SINGLE OUTPUT DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B2403S/D-1WR2 bảng dữ liệu(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  B2403S/D-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B2403S/D-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B2403S/D-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B2403S/D-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B2403S/D-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
B_S-1WR2&B_D-1WR2
2013.06.18-A/2
Page 2 of 5
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope curve
3.3V output
--
--
±1.5
Line Voltage Regulation
For Vin change of
±1%
Others
--
--
±1.2
3.3V output
--
18
--
5V output
--
12
--
9V output
--
8
--
12V output
--
7
--
15V output
--
6
--
Load Regulation
10% to 100% load
24V output
--
5
--
%
Temperature drift coefficient
100% load
--
--
±0.03
%/
°C
Output Voltage
≤12V
--
30
--
Ripple & Noise*
20MHz
Bandwidth
Others
--
60
--
mVp-p
Short Circuit Protection
Continuous, automatic recovery
Note:* Ripple and noise tested with
“parallel cable” method. See detailed operation instructions at DC-DC Application Notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-Output, Tested for 1 minute and leakage current less than 1 mA
1500
--
--
VDC
Isolation Resistance
Input-Output, Test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input-Output,100KHz/0.1V
--
20
--
pF
Switching Frequency
Full load, nominal input
--
100
300
KHz
MTBF
MIL-HDBK-217F@25℃
3500
--
--
K hours
Case Material
Plastic(UL94-V0)
B_S-1WR2 Series
--
1.2
--
Weight
B_D-1WR2 Series
--
1.8
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
--
--
95
%
Operating Temperature
Power derating (above 85℃ see Figure 2)
-40
--
105
Storage Temperature
-55
--
125
Temperature rise
Ta=25
°C,100% Load
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
°C
Cooling
Free air convection
EMC SPECIFICATIONS
CE
CISPR22/EN55022
CLASS B(Recommended Circuit Refer to Figure1)
EMI
RE
CISPR22/EN55022
CLASS B(Recommended Circuit Refer to Figure1)
EMS
ESD
IEC/EN61000-4-2
Contact ±8KV
perf. Criteria B
EMC RECOMMENDED CIRCUIT
EMI Typical Recommended Circuit(CLASS B):
Vin
G ND
+Vo
0V
E UT
LO AD
L DM
C0
Vin
G ND
(Figure 1)
Recommended typical circuit parameters:
Vin(V)
3.3/5/12/15/24
C0
4.7
µF /50V
EMI
LDM
6.8
µH



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com