công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B0305S/D-W2 bảng dữ liệu(PDF) 3 Page - MORNSUN Science& Technology Ltd.

tên linh kiện B0305S/D-W2
Giải thích chi tiết về linh kiện  SINGLE OUTPUT DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B0305S/D-W2 bảng dữ liệu(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  B0305S/D-W2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B0305S/D-W2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B0305S/D-W2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
B_S(D)-W2
B/2-2012
Page 3 of 3
OUTLINE DIMENSIONS & PIN CONNECTIONS
1
3
2
4
BS
_
Vin
G ND
+Vo
L=530mm[20.866inch] Devices per tube: 43pcs(B_S) 40pcs(B_D)
L=220mm[8.661inch] Devices per tube: 17pcs(B_S) 16pcs(B_D)
∅1.00 [0.039]
9.60 [0.378]
4.90[0.193]
B S Ser ies
_
BD
_
Series
7
5
1
4
1
2
3
4
BS
_
Series
BD
_
Series
12.50 [0.492]
3.50[0 .138]
BD
_
Series
0V
1
5
4
7
BD
_
Vin
G ND
+Vo
0V
B S
_
Series
Pin
FOO TP RI NT DETAI LS
Note:
Unit:mm[inch]
Pin se ction tolerances:
± 0.10mm[± 0.004inch]
Gene ral tolerances:
± 0.25mm[± 0.010inch]
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
Note:
Unit :mm[inch]
General tolerances:
± 0.50mm[± 0.020inch]
4.10 [0.161]
7.62 [0.3 00]
(Front V iew)
Pin
FOO TPRI NT DETAI LS
5.08 [0.200]
4.10 [0.161]
(Fron t View)
1
7
5
4
12.70 [0.500]
7.62[0.300]
∅1.00 [0.039]
0.50 [0.020]
(Bott o m View)
1
2
3
4
11.60[0.4 61]
0.50[0 .020]
0.90 [0.035]
6 .00[0.236]
(Bott om V iew)
Short tube inner packaging dimensions: L*W*H=255*170*80mm;
Short tube outer packaging dimensions(with six inner packaging boxes):
:
:
L*W*H=375*280*270mm;
Long tube inner packaging dimensions: L*W*H=580*200*100mm;
Long tube outer packaging dimensions(with two inner packaging boxes)
L*W*H=600*215*220mm;
Long tube outer packaging dimensions(with three inner packaging boxes)
L*W*H=600*215*325mm.
Note grid 2.54*2.54mm
:
.
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed, and that will reduce the
life of product.
2. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
3. Only typical models listed, other models may be different, please contact our technical person for more details.
4. In this datasheet, all the test methods of indications are based on corporate standards.



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com