| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM49150TLEVAL bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM49150TLEVAL bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 31 page ![]() I 2 C VDD GND LSOUT- LSOUT+ VDD SDA SCL LSVDD INL INR BYPASS CPVSS CPP CPN VO(LDO) INM- CPGND HPL HPR INM+ A 1 E D C B 2 3 4 LM49150, LM49150TLEVAL www.ti.com SNAS439B – AUGUST 2008 – REVISED MARCH 2009 Connection Diagrams Figure 2. 20 Bump DSBGA Package - Top View (Bump Side Down) See Package Number YZR0020KGA BUMP DESCRIPTIONS Bump Name Description A1 I2CVDD I2C Power Supply A2 GND Ground A3 LSOUT- Inverting Loudspeaker Output A4 LSOUT+ Non-Inverting Loudspeaker Output B1 VDD Analog Power Supply B2 SDA I2C Data Input B3 SCL I2C Clock Input B4 LSVDD Loudspeaker Power Supply C1 INL Left Channel Input C2 INR Right Channel Input C3 BYPASS Mid-Rail Supply Bypass C4 CPVSS Charge Pump Output D1 INM- Mono Channel Inverting Input D2 VO(LDO) Internal LDO Output D3 CPN Charge Pump Flying Capacitor - Negative Terminal D4 CPP Charge Pump Flying Capacitor - Positive Terminal E1 INM+ Mono Channel Non-Inverting Input E2 HPR Right Channel Headphone Amplifier Output E3 HPL Left Channel Headphone Amplifier Output E4 CPGND Charge Pump Ground Copyright © 2008–2009, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM49150 LM49150TLEVAL |