| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M22-DP-R bảng dữ liệu(PDF) 73 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
M22-DP-R bảng dữ liệu(HTML) 73 Page - List of Unclassifed Manufacturers |
|
73 / 89 page ![]() Pushbuttons and Indicating Lights CA04716001E—March 2009 www.eaton.com 73 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47.4 Pushbuttons and Indicating Lights M22 Modular Pushbuttons Approximate dimensions in Inches (mm). DIN-Rail Mounting Adapter Pushbuttons and Indicating Lights with M22-TC Telescopic Clip and M22-TVC Extension Palm Switches Front Mounted Mounting Plate Base Mounted Surface Mounting Enclosure 0.88 (22.4) 2.23 (56.7) 0.12 (3.1) 1.39 (35.2) 0.18 (4.5 (M4)) M22-D... M22-L... M22-W... M22-P... 0.88 (22.4) AB F G E C D H Top-hat rail to IEC/EN 60715. AB C D E F GH 1.77 (45) 2.36–3.94 (60–100) 0.79 (20) 0.79 (20) 0.18 (4.5) 0.39 (10) 154 (39) 0.39 (10) M22-D… M22-L… M22-W… M22-P… M22-TC M22-TCV L-... 1.42 (36) M5 x 20 2.56 (65) Ø94 3.35 (85) FAK… 3 x M20 lateral, 1 x M16 in bottom. 1.42 (36) 0.12 (3) 0.1 (2.5) 4 x M4 x 16 e a1 1.3 (33) M22-E... Catalog Number a1 e Catalog Number a1 e M22-E(Y) 2.83 (72) 2.21 (56) M22-E4 6.73 (171) 6.10 (155) M22-E2 4.13 (105) 3.50 (89) M22-E5 8.03 (204) 7.40 (188) M22-E3 5.43 (138) 4.80 (122) M22-E6 9.33 (237) 8.70 (221) M20 a b 1.3 (33) 1.89 (48) M20/M25 e M4 M20 M20 M20 M22-I... Catalog Number Mounting Locations a b e Cable Entries M22-I(Y)1 12.83 (72.0) 1.68 (42.6) 2.30 (58.5) 2 x M16 3 x M20 2 x M25 M22-I2 24.72 (120.0) 3.37 (85.6) 4.19 (106.5) 2 x M20 3 x M20 2 x M25 M22-I3 36.02 (153.0) 4.67 (118.6) 5.49 (139.5) 2 x M20 2 x M25 4 x M20 M22-I4 46.10 (135.0) 5.97 (151.6) 6.79 (172.5) 2 x M20 2 x M25 4 x M20 M22-I6 69.92 (252.0) 8.57 (217.6) 9.39 (238.5) 2 x M20 2 x M25 4 x M20 |