| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3SPH090AS bảng dữ liệu(PDF) 3 Page - StarHope |
|
|
|||||||||||||||||||||||||||||
3SPH090AS bảng dữ liệu(HTML) 3 Page - StarHope |
|
3 / 4 page ![]() 项目 Test Item 直流放电电压 DC-Spark-Over Voltage Vs 绝缘电阻 Insulation Resistance 静态电容 Capacitance C(pF) 实验项目 Test Item 使用频率1MHz与并两端加载小于或等于6V直流电压 的电源。即可量出其静态电容量Measure the Electrostatic Capacitance under the test condition of 1MHz,DC 6V(max). 小于或等于1pF (1pF max.) 环境试验测试/Enviromental Characteristics 试验方法 Test Method 结果Specification 放置于-40℃±3℃的环境中1000小时后,取出置于 基本参数特性测试/Initial Characteristics 测试条件 Test Method 结果Specification 使用一直流电源,并逐渐地增加测量电压,测试电 流为1ma,测试时间最大为一秒 (1sec).(1mA)(Add and measure the DC Voltage gradually Maxto get the discharge threshold voltage. The measuring current is 1mA/1 second max.) 依规格书值而定 Vs±20% (It depands oneach spec.) 在规定的设定直流电压 (1)下,跨在两端引线。即 可测量其绝缘电阻值。(Measure the insulation resistance of two end of leadwire under the specified DC voltage.) 大于等于1G Ω(1GΩ min.) 耐寒性 耐热性 耐温性 温度周期 放置于125℃±2℃的环境中1000小时后,取出置于 常温中4小时后,检测直流开始放电电压,绝缘阻 抗,静态电容量及检查外。After 125±2℃ (1000hrs) / room temp.,normal humidity(4 hrs) cycle, measure the properties. 满足各个特性相关参数值 Within standard mentioned in Initial Characteristics. 放置于85℃±2℃ RH85%的环境中1000小时后,取 出置于常温中4小时后,检测直流开始放电电压, 绝缘阻抗,静态电容量及检查外。After 85℃±2℃ RH85%(1000hrs) / room temp.,normal humidity(4 hrs) cycle, measure the properties. 满足各个特性相关参数值 Within standard mentioned in Initial Characteristics. -40℃±3℃(30分)~(常温3分)~125℃±2℃(30分) 为1周期,重复25次后,取出置于常温/常温中4小 时后,检测直流放电电压,绝缘阻抗,静态电容量 及检查外观25 times repetition of cycle -40±3℃ (30 Min.),roon temp., (4 Min.), 125±2℃(30 Min.),room temp., normal humidity(4hrs) . 满足各个特性相关参数值 Within standard mentioned in Initial Characteristics. 放置于-40℃±3℃的环境中1000小时后,取出置于 常温中4小时后,检测直流开始放电电压,绝缘阻 抗,静态电容量及检查外。After -40±3℃ (1000hrs) / room temp.,normal humidity(4 hrs) cycle, measure the properties. 满足各个特性相关参数值 Within standard mentioned in Initial Characteristics. GDT/SPA Series 03 | www.spsemi.cn REV.2014.05.01 |