công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VC670M-TO46GL bảng dữ liệu(PDF) 2 Page - Rochester Electronics

tên linh kiện VC670M-TO46GL
Giải thích chi tiết về linh kiện  WIEDNER HAUPSTRASSE 76
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROCHESTER [Rochester Electronics]
Trang chủ  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

VC670M-TO46GL bảng dữ liệu(HTML) 2 Page - Rochester Electronics

  VC670M-TO46GL Datasheet HTML 1Page - Rochester Electronics VC670M-TO46GL Datasheet HTML 2Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.roithner-laser.com
2
Outline Dimensions
All Dimensions in mm
Electrical Connection
Precautions
Static Electricity:
VCSELs are sensitive to electrostatic discharge (ESD). Precautions against ESD must be taken
when handling or operating these VCSELs. Surge voltage or electrostatic discharge can result in
complete failure of the device.
Safety Advice:
This VCSEL emits concentrated red light which can be hazardous to the human eye and skin. This
diode is classified as CLASS 2 laser product according to IEC 60825-1 and 21 CFR Part 1040.10
Safety Standards.
Operation:
Do only operate VCSELs with a current source.
Running these LEDs from a voltage source will result in complete failure of the device.
Current of a LED is an exponential function of the voltage across it. Usage of current regulated drive
circuits is mandatory.
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice
TO46GL
TO-46 with glass lens
Lead
Description
PIN 1
VCSEL Anode
PIN 2
VCSEL Cathode



Html Pages

1 2