| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZXGD3101EV2 bảng dữ liệu(PDF) 4 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
ZXGD3101EV2 bảng dữ liệu(HTML) 4 Page - Diodes Incorporated |
|
4 / 8 page ![]() ZXGD3101EV2 Issue 1 – December 2009 www.diodes.com © Diodes Incorporated 2009 4 it can also be used in continuous conduction mode. In discontinuous and critical conduction mode, the MOSFET current decays linearly and the controller proportionately backs off its gate-drive output when the on-resistance-induced conduction voltage drop is less than -50mV. Upon the conduction voltage crossing the turning off threshold, the gate drive is turned off quickly to eliminate any reverse current flow (see Figure 4a). If the board is evaluated with a converter in continuous conduction mode, the secondary side circulating current does not decay to zero prior to primary MOSFET turn-on. The controller then turns off the MOSFET quickly when the primary MOSFET current starts rising in less than 50ns delay time, as shown in Fig. 4b, so the possibility of cross conduction is minimized. This is critical because cross conduction due to the primary side MOSFET and secondary rectification MOSFET conducting simultaneously will degrade efficiency due to the nature of the fast transition. (a) (b) Figure 4: Synchronous rectification operating waveforms (a) Critical conduction mode and (b) Continuous conduction mode |