| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NPI35LS100MTRF bảng dữ liệu(PDF) 2 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NPI35LS100MTRF bảng dữ liệu(HTML) 2 Page - NIC-Components Corp. |
|
2 / 11 page ![]() 2 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com ® NPI Unshielded Power Inductors NPI__LS Series Irms specification is based on +20°C temperature rise. Isat is based on -30% inductance change. Series Standard Values - Case Size 31 (3.0 x 3.0 x 1.2mm) Inductance ( μH) Tolerance Test Conditions DCR ( Ω) Isat (Amps) Irms (Amps) SRF (MHz) NPI31LS1R2MTRF 1.2 ±20% 100KHz, 1V 0.082 2.25 1.14 170 NPI31LS1R5MTRF 1.5 ±20% 100KHz, 1V 0.097 2.02 1.05 140 NPI31LS1R8MTRF 1.8 ±20% 100KHz, 1V 0.108 1.75 1.0 110 NPI31LS2R2MTRF 2.2 ±20% 100KHz, 1V 0.125 1.64 0.9 100 NPI31LS2R7MTRF 2.7 ±20% 100KHz, 1V 0.143 1.51 0.85 91 NPI31LS3R3MTRF 3.3 ±20% 100KHz, 1V 0.169 1.37 0.8 85 NPI31LS3R9MTRF 3.9 ±20% 100KHz, 1V 0.21 1.24 0.7 77 NPI31LS4R7MTRF 4.7 ±20% 100KHz, 1V 0.243 1.16 0.65 70 NPI31LS5R6MTRF 5.6 ±20% 100KHz, 1V 0.306 1.04 0.6 63 NPI31LS6R2MTRF 6.2 ±20% 100KHz, 1V 0.333 0.98 0.55 62 NPI31LS6R8MTRF 6.8 ±20% 100KHz, 1V 0.383 0.92 0.5 56 NPI31LS7R5MTRF 7.5 ±20% 100KHz, 1V 0.389 0.88 0.5 53 NPI31LS9R1MTRF 9.1 ±20% 100KHz, 1V 0.502 0.77 0.45 46 NPI31LS100MTRF 10 ±20% 100KHz, 1V 0.526 0.75 0.45 43 NPI31LS120MTRF 12 ±20% 100KHz, 1V 0.599 0.7 0.4 41 NPI31LS150MTRF 15 ±20% 100KHz, 1V 0.772 0.62 0.35 36 NPI31LS180MTRF 18 ±20% 100KHz, 1V 1.06 0.56 0.3 32 NPI31LS220MTRF 22 ±20% 100KHz, 1V 1.11 0.52 0.3 30 NPI31LS270MTRF 27 ±20% 100KHz, 1V 1.38 0.48 0.25 26 NPI31LS330MTRF 33 ±20% 100KHz, 1V 1.8 0.42 0.25 24 NPI31LS360MTRF 36 ±20% 100KHz, 1V 1.95 0.42 0.2 24 NPI31LS390MTRF 39 ±20% 100KHz, 1V 2.095 0.4 0.2 23 NPI31LS470MTRF 47 ±20% 100KHz, 1V 2.46 0.36 0.2 19 |