| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX101983 bảng dữ liệu(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AX101983 bảng dữ liệu(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 35 page ![]() COMMERCIAL NETWORKING — OPT IC AL FIBE R 16.21 For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com Distribution Cable Tight Buffer — Indoor Riser, Plenum & LSZH Rated (continued) Single-mode Enhanced 50 / 125µm 10 Gbe – 300M 50 / 125µm Std. / 1 Gbe Belden Part Number Distribution Cable Series Riser (NEC/CEC OFNR/OFN FT4) 2 M9B037 M9A037 M9C037 M9W037 0.184 4.67 13 19 180 801 4 M9B038 M9A038 M9C038 M9W038 0.200 5.08 16 24 195 867 6 M9B039 M9A039 M9C039 M9W039 0.220 5.59 19 28 270 1201 8 M9B040 M9A040 M9C040 M9W040 0.235 5.97 22 33 270 1201 12 M9B042 M9A042 M9C042 M9W042 0.255 6.48 27 40 300 1334 24 M9B601* M9A601* M9C601* M9W601* 0.325 8.26 42 63 390 1735 24 M9B602 M9A602 M9C602 M9W602 0.496 12.60 83 124 960 4270 36 M9B604 M9A604 M9C604 M9W604 0.644 16.36 137 204 1440 6405 48 M9B606 M9A606 M9C606 M9W606 0.627 15.93 131 195 945 4203 72 M9B609 M9A609 M9C609 M9W609 0.750 19.10 195 290 1350 6005 96 M9B622 M9A622 M9C622 M9W622 0.895 22.70 290 432 1983 8820 144 M9B619 M9A619 M9C619 M9W619 0.964 24.49 314 467 2745 12210 Composite Riser Cables 6xSM/12x62.5 M96992 12xSM/12x62.5 M96963 6xSM/12x50 M96909 12xSM/12x50 M96908 Plenum (NEC/CEC OFNP/OFN FT6) 2 M9B043 M9A043 M9C043 M9W043 0.184 4.67 14 21 180 801 4 M9B044 M9A044 M9C044 M9W044 0.174 4.42 13 19 195 867 6 M9B045 M9A045 M9C045 M9W045 0.190 4.83 16 24 270 1201 8 M9B046 M9A046 M9C046 M9W046 0.222 5.64 19 28 270 1201 12 M9B048 M9A048 M9C048 M9W048 0.225 5.72 22 33 300 1334 24 M9B611* M9A611* M9C611* M9W611* 0.330 8.38 40 60 390 1735 24 M9B612 M9A612 M9C612 M9W612 0.493 12.52 89 132 1263 5618 36 M9B614 M9A614 M9C614 M9W614 0.594 15.09 134 199 1913 8509 48 M9B616 M9A616 M9C616 M9W616 0.599 15.21 131 195 1245 5538 72 M9B620 M9A620 M9C620 M9W620 0.754 19.15 197 293 2093 9310 96 M9B623 M9A623 M9C623 M9W623 0.904 22.96 268 399 2160 9608 144 M9B621 M9A621 M9C621 M9W621 1.047 26.59 365 543 3645 16213 Composite Plenum Cables 6xSM/6x62.5 M97174 6xSM/12x62.5 M97041 12xSM/12x62.5 M97219 6xSM/6x50 M97412 6xSM/12x50 M97411 12xSM/12x50 M96780 LSZH (NEC/CEC OFNR/OFN FT4) 2 M9B100 M9A100 M9C100 M9W100 0.184 4.67 15 22 180 800 4 M9B101 M9A101 M9C101 M9W101 0.200 5.08 17 25 195 867 6 M9B102 M9A102 M9C102 M9W102 0.220 5.59 21 31 270 1201 8 M9B103 M9A103 M9C103 M9W103 0.235 5.97 24 36 270 1201 12 M9B104 M9A104 M9C104 M9W104 0.255 6.48 29 43 300 1334 16 M9B105 M9A105 M9C105 M9W105 0.347 8.80 43 63 315 1400 24 M9B107 M9A107 M9C107 M9W107 0.386 9.80 54 79 450 2000 36 M9B111 M9A111 M9C111 M9W111 0.798 20.00 214 313 1619 7200 48 M9B112 M9A112 M9C112 M9W112 0.835 21.20 237 347 1619 7200 72 M9B114 M9A114 M9C114 M9W114 0.883 22.40 270 395 1619 7200 96 M9B116 M9A116 M9C116 M9W116 0.973 24.70 364 532 1619 7200 144 M9B120 M9A120 M9C120 M9W120 1.087 27.60 384 561 1619 7200 Construction for LSZH cables differs from the drawing. Alternative fiber counts are available. *Single jacket design. No. of Fibers 62.5 / 125µm Std. / 1 Gbe Inch mm Outside Diameter Lbs./1000 ′′ kg/km Weight Max. Install Load Lbs. N |