| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KSC441J bảng dữ liệu(PDF) 4 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
KSC441J bảng dữ liệu(HTML) 4 Page - ITT Industries |
|
4 / 5 page ![]() Dimensions are shown: mm (inch) Dimensions subject to change www.ittcannon.com B-23 B 0,3 ±0,05 (.012 ±.002) 4,0+0,2/-0,0 (.157+.008/-.000) 8,0 (.315) 2 ±0,05 (.079 ±.002) 2 ±0,05 (.079 ±.002) ø1,5+0,2/-0,0 (.059+.008/-.000) ø1,5+0,1/-0,0 (.059+.004/-.000) 6,6+0,2/-0,0 (.260+.008/-.000) 2˚0' max. 0,25 ±0,05 (.010 ±.002) 3,15+0,2/-0,0 (.124+.008/-.000) 8,0 (.315) 2,0 ±0,05 (.079 ±.002) 2,0 ±0,05 (.079 ±.002) ø1,5+0,2/-0,0 (.059+.008/-.000) ø1,5+0,1/-0,0 (.059+.004/-.000) 6,6+0,2/-0,0 (.260+.008/-.000) 2˚0' max. KSC Series Sealed Tact Switch for SMT TAPE & REEL 0,3 ±0,05 (.012 ±.002) 3,2+0,2/-0,0 (.126+.008/-.000) 8,0 (.315) 2,0 ±0,05 (.079 ±.002) 2,0 ±0,05 (.079 ±.002) ø1,5+0,2/-0,0 (.059+.008/-.000) ø1,5+0,1/-0,0 (.059+.004/-.000) 6,6+0,2/-0,0 (.260+.008/-.000) 2˚0' max. FOR KSC1 J TERMINATION 0,25 ±0,05 (.010 ±.002) 3,95+0,2/-0,0 (.156+.008/-.000) 8,0 (.315) 2 ±0,05 (.079 ±.002) 2 ±0,05 (.079 ±.002) ø1,5+0,2/-0,0 (.059+.008/-.000) ø1,5+0,1/-0,0 (.059+.004/-.000) 6,6+0,2/-0,0 (.260+.008/-.000) 2˚0' max. FOR KSC2 & KSC3 G TERMINATION FOR KSC1 G TERMINATION FOR KSC2 & KSC3 J TERMINATION First Angle Projection Direction of feed Direction of feed Direction of feed Direction of feed |