| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KSC351J bảng dữ liệu(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
KSC351J bảng dữ liệu(HTML) 2 Page - ITT Industries |
|
2 / 5 page ![]() Dimensions are shown: mm (inch) Dimensions subject to change www.ittcannon.com B-21 B 6,2 (.244) ø3,28 (.129) 6,8 (.268) ø2,6 (.102) ø2,8 (.110) ø4,7 (.185) ø3,0 (.118) ACTUATOR KSC4 SOFT, 5,2 mm high KSC6 HARD, 7,7 mm high KSC1 WITHOUT, 2.5 mm high KSC Series Sealed Tact Switch for SMT KSC2 SOFT, 3,5 mm high KSC3 HARD, 3,5 mm high First Angle Projection 2,9 (.114) KSC4 KSC421V only 1,51 (.05) NOTE: KSC4 standard silicone material is 70 shore, the only exception is KSC401J which is 50 shore. |