công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZXTEM322TC bảng dữ liệu(PDF) 2 Page - Diodes Incorporated

tên linh kiện ZXTEM322TC
Giải thích chi tiết về linh kiện  80V NPN LOW SATURATION TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTEM322TC bảng dữ liệu(HTML) 2 Page - Diodes Incorporated

  ZXTEM322TC Datasheet HTML 1Page - Diodes Incorporated ZXTEM322TC Datasheet HTML 2Page - Diodes Incorporated ZXTEM322TC Datasheet HTML 3Page - Diodes Incorporated ZXTEM322TC Datasheet HTML 4Page - Diodes Incorporated ZXTEM322TC Datasheet HTML 5Page - Diodes Incorporated ZXTEM322TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZXTEM322
SEMICO NDUC TORS
ISSUE 2 - JUNE 2006
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
(a)
R JA
83
C/W
Junction to Ambient
(b)
R JA
51
C/W
Junction to Ambient
(d)
R JA
125
C/W
Junction to Ambient
(e)
R JA
42
C/W
NOTES
(a) For a single device surface mounted on 10 sq cm 1oz copper on FR4 PCB, in still air conditions with all exposed pads attached.
(b) For a single device surface mounted on 10 sq cm 1oz copper on FR4 PCB, in still air conditions measured at t 5 secs with all exposed pads
attached.
(c) Repetitive rating - pulse width limited by max junction temperature. Refer to Transient Thermal Impedance graph.
(d) For a single device surface mounted on 10 sq cm 1oz copper FR4 PCB, in still air conditions with minimal lead connections only.
(e) For a single device surface mounted on 65 sq cm 2oz copper FR4 PCB, in still air conditions with all exposed pads attached.
(f) The minimum copper dimensions required for mounting are no smaller than the exposed metal pads on the base of the device, as shown in
the package dimensions data. The thermal resistance for a device mounted on 1.5mm thick FR4 board using minimum copper of 1oz weight and
1mm wide tracks is Rth= 300°C/W giving a power rating of Ptot=420mW
THERMAL RESISTANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
7.5
V
Peak Pulse Current
ICM
5A
Continuous Collector Current
(a)
IC
3.5
A
Base Current
IB
1000
mA
Power Dissipation at TA=25°C
(a)
Linear Derating Factor
PD
1.5
12
W
mW/ C
Power Dissipation at TA=25°C
(b)
Linear Derating Factor
PD
2.45
19.6
W
mW/ C
Power Dissipation at TA=25°C
(d)
Linear Derating Factor
PD
1
8
W
mW/ C
Power Dissipation at TA=25°C
(e)
Linear Derating Factor
PD
3
24
W
mW/ C
Operating & Storage Temperature Range
Tj:Tstg
-55 to +150
C
Junction Temperature
Tj
150
C
ABSOLUTE MAXIMUM RATINGS
OBSOLETE - PLEASE USE ZXTN620MA



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com